Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC Datasheet(PDF) 2 Page - HolyStone International

Part # THC
Description  High reliability at High temperatature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

THC Datasheet(HTML) 2 Page - HolyStone International

  THC Datasheet HTML 1Page - HolyStone International THC Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
152
TANTALUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
Standard product table - THC series
Rated voltage Capacitance
tan
δ
Leakage current
Case
Product name
V. DC
µF
µA
code
10
1.5
0.06
0.25
A
THCA1A155
4.7
0.06
0.25
B
THCB1A475
15
0.06
0.75
C
THCC1A156
22
0.06
1.10
C
THCC1A226
33
0.06
1.65
C
THCC1A336
0.06
1.65
E
THCE1A336
47
0.06
2.35
E
THCE1A476
16
1
0.04
0.25
A
THCA1C105
3.3
0.06
0.26
B
THCB1C335
10
0.06
0.80
C
THCC1C106
15
0.06
1.20
C
THCC1C156
22
0.06
1.76
C
THCC1C226
0.06
1.76
E
THCE1C226
33
0.06
2.64
E
THCE1C336
20
0.68
0.04
0.25
A
THCA1D684
2.2
0.06
0.25
B
THCB1D225
6.8
0.06
0.68
C
THCC1D685
15
0.06
1.50
C
THCC1D156
0.06
1.50
E
THCE1D156
22
0.06
2.20
E
THCE1D226
25
0.47
0.04
0.25
A
THCA1E474
1.5
0.06
0.25
B
THCB1E155
4.7
0.06
0.58
C
THCC1E475
6.8
0.06
0.85
C
THCC1E685
10
0.06
1.25
C
THCC1E106
0.06
1.25
E
THCE1E106
15
0.06
1.87
E
THCE1E156
35
0.33
0.04
0.25
A
THCA1V334
1
0.04
0.25
B
THCB1V105
3.3
0.06
0.57
C
THCC1V335
4.7
0.06
0.82
C
THCC1V475
10
0.06
1.75
E
THCE1V106
Standard product tables - THC series
16V1
µF
A case
20V1
µF
A case
A6A
③Rated voltage (16V)
②Nominal capacitance Volue (10
µF)
10
16A
④Lot indication
 (A:for manufacturing in January, 2009)
DA6A
①Anode indication belt mark
Anode indication belt mark
Simplified code of nominal
capacitance (A6 : 1
µF)
Simplified code of rated voltage
(D : 20V)
Lot indication (A:for manufacturing
in January, 2009)
∗When the capacitance code is the same in the same case, use the voltage code for the higher rated voltage.
THC*△△□□□○○○F
①
②
③④
Marking indication
123456789
10
11
12
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
2011
a
b
c
d
e
f
g
h
j
k
l
m
2012
n
p
q
r
s
t
u
v
w
x
y
z
Lot indication
Month
Year



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com