Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF Datasheet(PDF) 1 Page - HolyStone International

Part # TMF
Description  TANTALUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

TMF Datasheet(HTML) 1 Page - HolyStone International

  TMF Datasheet HTML 1Page - HolyStone International TMF Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
133
Hitachi AIC Inc.
TANTALUM ELECTROLYTIC CAPACITORS
TMF
Test conditions JIS C5101-1:1998
TMF Series Chip Tantalum Capacitor With face down Terminals
Features
•A new, originally designed structure with reduced space requirement,
resulting in the small size and large capacitance of units.
•Best suited for multi-media applications, such as cell phones, digital
video cameras, etc.
• Environmentally friendly terminal plating -- lead-free (100% Sn) solder
plating.
Outline of drawings and dimensions
H
a
L
W
Anode indication belt mark
Case code
Case size
L±0.1
W±0.1
H±0.1
R±0.1
a±0.1
LM
1.6
0.85
0.8
0.5
0.65
LP
2.0
1.25
0.9
0.5
0.90
LA
3.2
1.60
0.9
0.8
1.20
Dimensions
(Unit : mm)
Tinned plated terminals (Sn 100)
Packing polarity code
Packing method code (T: carrier tape)
Capacitance tolerance code (M :
± 20%)
Capacitance code
Rated voltage code
Type of
series
Produt code : (Example) TMF Series LM case 6.3V 22
µF±20%
TMF LM 0J 226 M T R F
Case size code
Operating temperature range
−55℃∼+125℃
Rated voltage
DC2.5∼16V
85℃
Surge voltage
DC3.2∼20V
85℃
Derated voltage
DC1.6∼10V
125℃
Capacitance
2.2∼220μF
Capacitance tolerance
±20%
Paragraph 4.7, 120 Hz
Leakage current
Refer to standard product table
tan
δ
Paragraph 4.8, 120Hz
Paragraph 4.26
Thermal shock
Failure rate
1%/1000hrs
△C/C
±
20% or less
tanδ
Specified initial value or less
LC
Specified initial value or less
△C/C
±20% or less
tanδ
Specified initial value or less
LC
Specified initial value or less
△C/C
±20% or less
tanδ
150% Specified initial value or less
LC
Specified initial value or less
△C/C
±20% or less
tanδ
Specified initial value or less
LC
200% Specified initial value or less
△C/C
±20% or less
tanδ
Specified initial value or less
LC
Specified initial value or less
Paragraph 4.24
Solder Dip
260±5℃ 10±1 sec.
Reflow
260℃
10±1 sec.
Paragraph 4.22, 40°C
90 ~ 95%RH,500hrs
Leave at -55°C, normal
temperature, 125°C, and normal
temperature for 30 min., 3 min.,
30 min., and 3 min. Repeat this
operation 5 times running.
0.3 or less
Specifiedinitialvalue
−55
85
125
△C/C
−
−20∼+20% 0∼+20% 0∼+20%
tanδ
0.3
0.6
0.3
0.4
Valueshowntable
or less
LC
Refer to
−
1000% or less 1250% or less
standard
specified initial specified initial
product table
value or less value or less
Paragraph 4.23, 85°C
The rated voltage is applied
for 2000 hours.
85°C. The rated voltage is applied
(through a protective resistor of 1
Ω/V).
Surge withstanding
voltage
Temperature
characteristics
Solder heat
resistance
Moisture resistance
no load
High-temperature
load
Product
specifications
Capacitance
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
Code
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
Rated voltage (V.DC)
2.5
0E
LM
LM
LP
LP
LA
LA
4
0G
LM
LM
LP
LP
LA
LA
6.3
0J
LM
LM
LP
LP
LA
LA
10
1A
LM
LM
LP
LP
LA
LA
16
1C
LM
LM
LP
LP
LA
LA
µF
Standard value and case size
※This catalog is designed for providing general information. Please inquire
of our Sales Department to confirm specifications prior to use.
Paragraph 4.9, in 5 minutes
after the rated voltage is
applied.


Similar Part No. - TMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMF ETC2-TMF Datasheet
136Kb / 1P
EM Clutch (with flange mounted field)
TMF0.6 ETC2-TMF0.6 Datasheet
136Kb / 1P
EM Clutch (with flange mounted field)
logo
Texas Instruments
TMF0008 TI2-TMF0008 Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008DRS TI2-TMF0008DRS Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008LP TI2-TMF0008LP Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
More results

Similar Description - TMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMCMA1C106MTRF ETC-TMCMA1C106MTRF Datasheet
247Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
logo
HolyStone International
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCM HOLYSTONECAPS-TMCM Datasheet
71Kb / 3P
TANTALUM ELECTROLYTIC CAPACITORS
TMCP HOLYSTONECAPS-TMCP Datasheet
56Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCR HOLYSTONECAPS-TMCR Datasheet
61Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCS HOLYSTONECAPS-TMCS Datasheet
61Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCTX HOLYSTONECAPS-TMCTX Datasheet
62Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCU HOLYSTONECAPS-TMCU Datasheet
61Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNC HOLYSTONECAPS-TNC Datasheet
67Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNF HOLYSTONECAPS-TNF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com