Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF Datasheet(PDF) 2 Page - HolyStone International

Part # TMF
Description  TANTALUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

TMF Datasheet(HTML) 2 Page - HolyStone International

  TMF Datasheet HTML 1Page - HolyStone International TMF Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
134
TANTALUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
Rated voltage capacitance
tan
δ
Leakage current
case code
Product name
V.DC
µ
F
µ
A
2.5
33
0.30
8.2
LM
TMFLM0E336
47
0.30
11.7
LM
TMFLM0E476
68
0.30
17.0
LP
TMFLP0E686
100
0.30
25.0
LP
TMFLP0E107
150
0.30
37.5
LA
TMFLA0E157
220
0.30
55.0
LA
TMFLA0E227
422
0.30
8.8
LM
TMFLM0G226
33
0.30
13.2
LM
TMFLM0G336
47
0.30
18.8
LP
TMFLP0G476
68
0.30
27.2
LP
TMFLP0G686
100
0.30
40.0
LA
TMFLA0G107
150
0.30
60.0
LA
TMFLA0G157
6.3
15
0.30
9.4
LM
TMFLM0J156
22
0.30
13.8
LM
TMFLM0J226
33
0.30
20.7
LP
TMFLP0J336
47
0.30
29.6
LP
TMFLP0J476
68
0.30
42.8
LA
TMFLA0J686
100
0.30
63.0
LA
TMFLA0J107
10
6.8
0.30
6.8
LM
TMFLM1A685
10
0.30
10.0
LM
TMFLM1A106
15
0.30
15.0
LP
TMFLP1A156
22
0.30
22.0
LP
TMFLP1A226
33
0.30
33.0
LA
TMFLA1A336
47
0.30
47.0
LA
TMFLA1A476
16
2.2
0.30
3.5
LM
TMFLM1C225
3.3
0.30
5.2
LM
TMFLM1C335
4.7
0.30
7.5
LP
TMFLP1C475
6.8
0.30
10.8
LP
TMFLP1C685
10
0.30
16.0
LA
TMFLA1C106
15
0.30
24.0
LA
TMFLA1C156
Standard product tables
- TMF series
Standard product tables - TMF series
123456789
10
11
12
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
2011
a
b
c
d
e
f
g
h
j
k
l
m
2012
n
p
q
r
s
t
u
v
w
x
y
z
Lot indication
Month
Year
LM
・LP
case
①Anode indication belt mark
②Simplified code of rated
  voltage (J:6.3V)
③Simplified code of nominal
 capacitance (A:10
µF)
LA
case
①Anode indication belt mark
②Simplified code of rated
  voltage (G:4V)
③Simplified code of nominal
 capacitance (A8:100
µF)
④Lot indication
(A:for manufacturing in January, 2009)
GA8A
②
③
①
④
J A
+
+
① ② ③
Marking indication TMF series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com