Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD08120MP6B2 Datasheet(PDF) 14 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08120MP6B2
Description  Overload Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08120MP6B2 Datasheet(HTML) 14 Page - Thinking Electronic Industrial Co.,Ltd

Back Button PPD08120MP6B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 17Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
CPTC Thermistor:
:
:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
14
www.thinking.com.tw
2008.04
Reliability Test
Item
Standard
Test conditions / Methods
Specifications
Tensile Strength of
Terminals *
IEC60068-2-21
Fasten body and apply a force gradually
to each lead for 10±1 sec.
Terminal diameter
Force
(mm)
T(N)
0.35<d≦0.5
5.0
0.5<d≦0.8
10.0
0.8<d≦1.25
20.0
∣△R25/R25∣≦20%
No visible damage
Solderability*
IEC60068-2-20
255±5℃ ,3±0.5sec,
4±1mm
from body .
At least 95% of terminal
electrode is covered by
new solder
Resistance to
Soldering Heat *
IEC60068-2-20
350±10℃ ,3~4 sec,
4±1mm from body
R/R25
20%
∣∣
∣≦
No damage observed
Vibration *
IEC60068-2-6
Frequency range:10~55Hz
Amplitude:0.75mm or 98m/S2
Direction:3 mutually perpendicular directions
Duration :6HRS(3x2HRS)
∣△R25/R25∣≦20%
No visible damage
Shock *
IEC60068-2-27
Wave: half-sine
⊿V:1.0m/s
Acceleration:50m/s2
Pulse time:30ms
∣△R25/R25∣≦20%
No visible damage
Rapid Change of
Temperature
IEC60068-2-14
T
The thermal shock conditions shown below shall be repeated 5 cycles
Step
Temperature (℃)
Period (minutes)
1
-40 ± 5
30 ± 3
2
Room temperature
5 ± 3
3
100 ± 5
30 ± 3
4
Room temperature
5 ± 3
∣△R25/R25∣≦20%
No visible damage
Climatic sequence
IEC60738-1
+40
,20%R.H X 24hrs →100
X 16hrs→25
X 2hrs→ +40
℃
℃
℃
,95%R.HX 24hrs→ 0
X 2hrs→+40
,95%R.HX 24hrs→ 25
X
℃
℃
℃
℃
(1~2)hrs
∣△R25/R25∣≦20%
No visible damage
High Temperature
Storage
IEC60068-2-2
60 ℃, for 1000hrs
∣△R25/R25∣≦20%
No visible damage
High Temperature
Continuous Load
IEC60738-1
UCT=60
, V
℃
R, It
I
Imax
≦ ≦
for 1000hrs
∣△R25/R25∣≦20%
No visible damage
Damp Heat,
Steady State
IEC60068-2-3
40±2℃,90~95%RH, for 1000±2hrs
∣△R25/R25∣≦20%
No visible damage
Room Temperature
Intermittent Load
IEC60738-1
25±5
, V
℃
R, It
I
Imax
≦ ≦
1min. on and 5min. Off ×100﹑1,000﹑10,000 or
100,000cycles
∣△R25/R25∣≦20%
No visible damage
* : Only application for PPL series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com