Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD08120MP6B2 Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08120MP6B2
Description  Overload Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08120MP6B2 Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  PPD08120MP6B2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08120MP6B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CPTC Thermistor:
:
:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2008.04
Dimensions
Characteristics
PPD Series
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
40℃
Trip Current
at 25℃
Voltage
Maximum
Current
Dimensions
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
D(mm)
T(mm)
PPD08120□P6B2
12
80
200
220
2
8±0.5
1.5~2.2
PPD08150□P6B2
15
80
190
220
2
8±0.5
1.5~2.2
PPD08180□P6B2
60±10
18
80
180
220
2
8±0.5
1.5~2.2
PPD08100□P9B2
10
110
250
220
2
8±0.5
1.5~2.2
PPD08120□P9B2
12
110
250
220
2
8±0.5
1.5~2.2
PPD08150□P9B2
15
110
240
220
2
8±0.5
1.5~2.2
PPD08180□P9B2
90±10
18
110
240
220
2
8±0.5
1.5~2.2
PPD06180□A0B2
100±10
18
110
200
220
2
6.5±0.5
1.5~2.2
PPD05180□A1B2
110±10
18
110
200
220
2
5.5±0.5
1.5~2.2
Note: □=Tolerance of R25
PPD Series
PPL Series
(Unit: mm)
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com