Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B302LP Datasheet(PDF) 1 Page - Protek Devices

Part # 587B302LP
Description  low profile 240v acpower line surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B302LP Datasheet(HTML) 1 Page - Protek Devices

  587B302LP Datasheet HTML 1Page - Protek Devices 587B302LP Datasheet HTML 2Page - Protek Devices 587B302LP Datasheet HTML 3Page - Protek Devices 587B302LP Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05057.R5 2/11
Page 1
587B062LP - 587B302LP
Low PRofiLe 240v ac PoweR Line suRge suPPRessoR
DescRiPtion
The 587BxxxLP Series of 240 Volt AC Surge Suppressors is designed for use by the OEM, equipment installer and or
maintenance contractor. These modules employ a three stage technology proven to be the most cost effective and
reliable method in protecting sensitive electronic equipment from over voltage transients. This series is designed to
protect AC powered equipment from the 6,000 volt peak open circuit voltage and 3,000 Amp short circuit current as
defined in ANSI/IEEE C62.41, Category C1.
The 587BxxxLP Series offers a high degree of protection against 240 VAC EMI line noise. It is ideal for protecting 800
Volt components because the solid state TVS technology assures that the line-to-neutral voltage will not exceed 800
Volts. While the modules are designed for transient voltage protection, the advanced circuitry will also attenuate the
amplitude and slow the rate of rise of high frequency noise acting as an EMI filter. The 587BxxxLP Series includes dif-
ferential mode protection, which is effective in reducing interference from line to equipment and are effective in reduc-
ing equipment generated noise to meet FCC, VDE and CSA interference requirements.
featuRes
• Compatible with IEC 61000-4-5 (Surge): 1kA, 8/20µs, Level 4 (Line-
Gnd) & 333A, Level 4 (Line-Line)
• Meets ANSI/IEEE C62.41 Requirements
• Listed to CSA, File LR65240
• Differential and Common Mode Protection
• Low Clamping Voltage
• Nanosecond Response Time
• Long Life and Maintenance Free
• Finger Safe Connections
MechanicaL chaRacteRistics
• Low Profile Plastic Package
• Approximate Weight: 360 grams
• Flammability Rating UL 94V-0
aPPLications
• Hard Wired Equipment AC Power Protection
• Load Side Distribution Systems
• Secondary Protection for Light Industrail AC Power
Low PRofiLe
figuRe 1
tRansient voLtage thReat conDition
0
10
20
30
40
50
60
t - time - µs
4
6
2
0
figuRe 2
tyPicaL cLaMPing action of a 15a MoDuLe
0
10
20
30
40
50
60
t - time - µs
4
6
2
0
8
Figures 1 and 2 are photographs of digitized waveforms showing the typical clamping action of a 15A module. A 12 Ohm resistor is used to repre-
sent a 10A equipment load. The load is then subjected to the ANSI/IEEE C62.41 Catagory CI test conditions (6000V/3000A). These photographes
contrast the effect on equipment with and without the protector.


Similar Part No. - 587B302LP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B302LP PROTEC-587B302LP Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B302LP PROTEC-587B302LP Datasheet
335Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B302LPE PROTEC-587B302LPE Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B302LPE PROTEC-587B302LPE Datasheet
334Kb / 4P
low profile 240v acpower line surge suppressor
587B302LPE PROTEC-587B302LPE Datasheet
337Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
More results

Similar Description - 587B302LP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
240V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP Datasheet
72Kb / 3P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP_11 Datasheet
331Kb / 4P
low profile 120v acpower line surge suppressor
587B062 PROTEC-587B062_11 Datasheet
318Kb / 4P
240v acpower line surge suppressor
587B062LPE PROTEC-587B062LPE_11 Datasheet
334Kb / 4P
low profile 240v acpower line surge suppressor
587B051LP PROTEC-587B051LP_12 Datasheet
333Kb / 4P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP_12 Datasheet
335Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE_12 Datasheet
337Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com