Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDLC05 Datasheet(PDF) 4 Page - Protek Devices

Part # PDLC05
Description  ultra low capacitance tvs array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PDLC05 Datasheet(HTML) 4 Page - Protek Devices

  PDLC05 Datasheet HTML 1Page - Protek Devices PDLC05 Datasheet HTML 2Page - Protek Devices PDLC05 Datasheet HTML 3Page - Protek Devices PDLC05 Datasheet HTML 4Page - Protek Devices PDLC05 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05327.R0 9/10
Page 4
PDLC05
taPe anD ReeL
sPeCiFiCations
ReeL Dia.
taPe
wiDth
a0
B0
k0
D
e
F
w
P0
P2
P
tmax
178mm (7”)
8mm
3.15 ± 0.10 2.77 ± 0.10 1.30 ± 0.10 1.55 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10 0.228
notes
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Suffix - T13 = 13” Reel - 10,000 pieces per 8mm tape.
5. Marking on Part - marking code (see page 2) & date code.
Package outline, pad layout and tape specifications per document number 06012.R2 8/10.
Top Cover Tape
K0
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
t
oRDeRinG inFoRmation
Base PaRt numBeR
LeaDFRee suFFiX
taPe suFFiX
Qty/ReeL
ReeL siZe
tuBe Qty
PDLC05
n/a
-T7
3,000
7”
n/a
PDLC05
n/a
-T13
10,000
13”
n/a



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com