Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDLC05 Datasheet(PDF) 1 Page - Protek Devices

Part # PDLC05
Description  ultra low capacitance tvs array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PDLC05 Datasheet(HTML) 1 Page - Protek Devices

  PDLC05 Datasheet HTML 1Page - Protek Devices PDLC05 Datasheet HTML 2Page - Protek Devices PDLC05 Datasheet HTML 3Page - Protek Devices PDLC05 Datasheet HTML 4Page - Protek Devices PDLC05 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05327.R0 9/10
Page 1
PDLC05
uLtRa Low CaPaCitanCe tvs aRRay
DesCRiPtion
The PDLC05 is an ultra low capacitance (typically 0.8p), transient voltage suppressor array. This device provides circuit
protection for high-speed data transmission interfaces in wired and wireless computing and networking applications.
The PDLC05 has a working voltage of 5V and offers protection in a SOT-23 package.
This device meets the requirements of IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and IEC 61000-4-5 (Surge). The
PDLC05 offers a ultra low capacitance protection solution for circuits operating at high frequencies and faster edge
rates, where insertion loss and signal integrity are serious concerns.
FeatuRes
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Ground) & Level 2(Line-Line)
• Low Clamping Voltage
• Ultra Low Capacitance: 1pF (Typical)
• RoHS Compliant
• REACH Compliant
meChaniCaL ChaRaCteRistiCs
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
aPPLiCations
• High-Speed Data Transmission Interfaces
• Cellular Phones
• MP3 Players
• Portable Electronics
• Wireless Bus Protection
Pin ConFiGuRation
sot-23 PaCkaGe
2
3
1


Similar Part No. - PDLC05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PDLC05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com