Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR0502 Datasheet(PDF) 1 Page - Protek Devices

Part # PLR0502
Description  ultra low capacitance steering diode/TVS array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0502 Datasheet(HTML) 1 Page - Protek Devices

  PLR0502 Datasheet HTML 1Page - Protek Devices PLR0502 Datasheet HTML 2Page - Protek Devices PLR0502 Datasheet HTML 3Page - Protek Devices PLR0502 Datasheet HTML 4Page - Protek Devices PLR0502 Datasheet HTML 5Page - Protek Devices PLR0502 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05245.R5 4/11
Page 1
PLR0502
uLtRa Low caPacitance steeRing diode/tVs aRRay
descRiPtion
The PLR0502 is an ultra low capacitance (0.6pF) steering diode and TVS array combo. This device provides circuit
protection for interfaces and wireless bus applications and portable electronics. The PLR0502 is ideally suited to
protect USB data I/O ports against the effects of ESD and EFT.
The PLR0502 meets the requirements of IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT). At higher operating frequen-
cies or faster edge rates, insertion loss and signal integrity are a major concern. The PLR0502 offers a ultra low
capacitance and low leakage current in a SOT-543 package.
FeatuRes
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Unidirectional Configuration
• Protects 2 I/O Ports and Power Supply
• Ultra Low Capacitance: 0.6pF
• RoHS Compliant
• REACH Compliant
MechanicaL chaRacteRistics
• Molded JEDEC SOT-543 Package
• Approximate Weight: 3 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLications
• Ethernet - 10/100 Base T
• FireWire
• Wireless Communications
• USB Interfaces
Pin conFiguRation
sot-543 Package
GND
I/O
REF
I/O
1
3
4
2


Similar Part No. - PLR0502

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
STEERING DIODE/TVS ARRAY COMBO
logo
Shanghai Leiditech Elec...
PLR0502 LEIDITECH-PLR0502 Datasheet
817Kb / 4P
LOW CAPACITANCE TVS DIODE ARRAY
logo
Protek Devices
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PLR0502

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
ultra low capacitance steering diode/tvs array
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com