Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR0508 Datasheet(PDF) 1 Page - Protek Devices

Part # PLR0508
Description  ultra low capacitance steering diode/tvs array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0508 Datasheet(HTML) 1 Page - Protek Devices

  PLR0508 Datasheet HTML 1Page - Protek Devices PLR0508 Datasheet HTML 2Page - Protek Devices PLR0508 Datasheet HTML 3Page - Protek Devices PLR0508 Datasheet HTML 4Page - Protek Devices PLR0508 Datasheet HTML 5Page - Protek Devices PLR0508 Datasheet HTML 6Page - Protek Devices PLR0508 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05276.R4 4/11
Page 1
PLR0508
uLtRa Low caPacitance steeRing diode/tvs aRRay
descRiPtion
The PLR0508is an ultra low capacitance steering diode/TVS array. This device is designed to protect computing
applications such as gigabit Ethernet, HDMI, USB and DVI interfaces as well as telecommunication equipment and
systems. The PLR0508 is available in the space-saving DFN-10 package configuration and is rated at 200 Watts peak
pulse current (8/20µs waveshape).
This device meets the IEC 61000-4-2 (ESD), 61000-4-2 (EFT) and 61000-4-4 (Surge) requirements. At higher operat-
ing frequencies or faster edge rates, insertion loss and signal integrity are a major concern. This device in conjunc-
tion with passive components integrated into a TVS/filter network can be used for EMI/RFI protection.
FeatuRes
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 200 Watts Peak Pulse Power per Line(tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Unidirectional Configuration
• Protects 8 I/O Ports & Power Supply or 8 Lines
• Ultra Low Capacitance : 1.6pF (I/O to I/O)
• RoHS Compliant
• REACH Compliant
MechanicaL chaRacteRistics
• Molded JEDEC DFN-10 Package
• Approximate Weight: 7 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLications
• Gigabit Ethernet
• DVI, USB and HDMI Interfaces
• High-Speed Data Line ESD Protection
• FireWire, SATA & PCIe Interfaces
ciRcuit diagRaM & Pin conFiguRation
dFn-10 Package
GND
1
2
3
4
5
6
7
8
9
10
P1
P3
P9
P7
P2
P4
P10
P8
P6
P5
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1


Similar Part No. - PLR0508

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
STEERING DIODE/TVS ARRAY COMBO
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
ultra low capacitance steering diode/tvs arr ay
More results

Similar Description - PLR0508

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
ultra low capacitance steering diode/tvs array
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com