Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR3.3 Datasheet(PDF) 1 Page - Protek Devices

Part # PSR3.3
Description  ultra low capacitance steering diode/tvs array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSR3.3 Datasheet(HTML) 1 Page - Protek Devices

  PSR3.3 Datasheet HTML 1Page - Protek Devices PSR3.3 Datasheet HTML 2Page - Protek Devices PSR3.3 Datasheet HTML 3Page - Protek Devices PSR3.3 Datasheet HTML 4Page - Protek Devices PSR3.3 Datasheet HTML 5Page - Protek Devices PSR3.3 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05325.R0 9/10
Page 1
PSR3.3
ultRa low caPacitance SteeRing diode/tvS aRRay
deScRiPtion
The PSR3.3 is an ultra low capacitance (typically 1.5pF), transient voltage/steering diode suppressor array. This device
provides circuit protection for interfaces and high-speed data line applications in handheld electronics. The PSR3.3
has a working voltage of 3.3V and offers protection in a SOT-143 package.
This device meets the requirements of IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and IEC 61000-4-5 (Surge). The
PSR3.3 offers a ultra low capacitance solution for applications with higher operating frequencies or faster edge rates
where insertion loss and signal integrity are a serious concern.
FeatuReS
• Compatible with IEC 61000-4-2 (ESD)
• Compatible with IEC 61000-4-4 (EFT)
• Compatible with IEC 61000-4-5 (Surge)
• Low Operating Voltage: 3.3V
• Low Leakage Current < 1.0µA
• Provides 2 Lines of Protection
• Ultra Low Capacitance < 1.5pF (Typical, I/O to I/O)
• RoHS Compliant
• REACH Compliant
Mechanical chaRacteRiSticS
• Molded JEDEC SOT-143 Package
• Approximate Weight: 9 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPlicationS
• General Purpose High-Speed Data Line ESD Protection
• FireWire & USB Interfaces
• Handheld Electronics
• Display Ports: DVI, HDMI, LCD
Sot-143 Package
Pin conFiguRation
3
4
1
2
GND
I/O
REF
I/O


Similar Part No. - PSR3.3

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PSR3.3

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC497 PROTEC-PLC497_10 Datasheet
916Kb / 9P
ultra low capacitance steering diode/TVS array
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com