Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0403C Datasheet(PDF) 6 Page - Protek Devices

Part # USB0403C
Description  350 watt low capacitance tvs array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0403C Datasheet(HTML) 6 Page - Protek Devices

  USB0403C Datasheet HTML 1Page - Protek Devices USB0403C Datasheet HTML 2Page - Protek Devices USB0403C Datasheet HTML 3Page - Protek Devices USB0403C Datasheet HTML 4Page - Protek Devices USB0403C Datasheet HTML 5Page - Protek Devices USB0403C Datasheet HTML 6Page - Protek Devices USB0403C Datasheet HTML 7Page - Protek Devices USB0403C Datasheet HTML 8Page - Protek Devices USB0403C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05205.R5 10/10
Page 6
USB0403 - USB0424C
aPPliCation inFoRMation
3
4
1
2
GND
SOLDER PAD
3
4
1
2
USB
IC
D+
D-
3
4
1
2
R
R
T
X
R
X
FigURe 1 - USB PRoteCtion
Two USB04xx (Unidirectional) in a Common-Mode configuration. Circuit connectivity is as follows:
• Device 1: Line 1(D+) is connected to pins 2 and 3.
• Device 2: Line 2(D-) is connected to pins 2 and 3.
• Device 1 and 2: Pins 1 and 4 connected to ground
FigURe 2 - etheRnet PRoteCtion
One USB04xxC (Bidirectional) in a Differential-Mode configuration. Circuit connectivity is as follow:
• Line 1 (R
X) is connected to pins 1 and 4.
• Line 2 (T
X) is connected to pins 2 and 3.
CiRCUit BoaRD ReCoMMenDationS
Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended:
• The protection device should be placed near the input terminals or connectors, the device will divert the transient current
immediately before it can be coupled into the nearby traces.
• The path length between the TVS device and the protected line should be minimized.
• All conductive loops including power and ground loops should be minimized.
• The transient current return path to ground should be kept as short as possible to reduce parasitic inductance.
• Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com