Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0403C Datasheet(PDF) 1 Page - Protek Devices

Part # USB0403C
Description  350 watt low capacitance tvs array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0403C Datasheet(HTML) 1 Page - Protek Devices

  USB0403C Datasheet HTML 1Page - Protek Devices USB0403C Datasheet HTML 2Page - Protek Devices USB0403C Datasheet HTML 3Page - Protek Devices USB0403C Datasheet HTML 4Page - Protek Devices USB0403C Datasheet HTML 5Page - Protek Devices USB0403C Datasheet HTML 6Page - Protek Devices USB0403C Datasheet HTML 7Page - Protek Devices USB0403C Datasheet HTML 8Page - Protek Devices USB0403C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05205.R5 10/10
Page 1
USB0403 - USB0424C
350 watt low CaPaCitanCe tvS aRRay
DeSCRiPtion
The USB04xx and USBxxC Series of devices are low capacitance TVS arrays available in a SOT-143 package. These
devices are designed to protect Ethernet data I/O ports against the damaging effects of ESD and EFT transient threats.
The USB04xx series are unidirectional devices used for common mode protection from line to ground. The USB04xxC
series are bidirectional devices typically used for differential mode on balanced lines.
Voltages range from 3.3 to 24 volts for both configurations. Each series provides ESD protection to > 25 kilovolts with
a peak pulse power rating of 350 Watts for an 8/20µs waveshape. The USB04xx and USBxxC series are designed to
meet and exceed the IEC 61000-4-2 and IEC 61000-4-4 requirements.
FeatUReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 350 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional and Bidirectional Configurations
• Available in Multiple Voltages Ranging from 3V to 24V
• Protects 1 Line
• Low Leakage Current
• Low Capacitance: 5pF per Line Pair
• RoHS Compliant
• REACH Compliant
MeChaniCal ChaRaCteRiStiCS
• Molded JEDEC SOT-143 Package
• Approximate Weight: 9 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPliCationS
• Ethernet - 10/100/1000 Base T
• Cellular Phones
• Audio/Video Inputs
• FireWire, SCSI & USB Interfaces
Sot-143 PaCkage
Pin ConFigURationS
3
4
1
2
3
4
1
2
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - USB0403C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB0403C MICROSEMI-USB0403C Datasheet
159Kb / 2P
TVSarray ??Series
logo
Protek Devices
USB0403C PROTEC-USB0403C Datasheet
117Kb / 5P
LOW CAPACITANCE TVS ARRAY
USB0403C PROTEC-USB0403C Datasheet
101Kb / 5P
LOW CAPACITANCE TVS ARRAY
USB0403C PROTEC-USB0403C Datasheet
901Kb / 9P
350 WATT LOW CAPACITANCE TVS ARRAY
USB0403C-LF-T7 PROTEC-USB0403C-LF-T7 Datasheet
101Kb / 5P
LOW CAPACITANCE TVS ARRAY
More results

Similar Description - USB0403C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSLC03 PROTEC-PSLC03_11 Datasheet
898Kb / 9P
350 WATT LOW CAPACITANCE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_11 Datasheet
504Kb / 6P
350 WATT MULTI-LINE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8 PROTEC-SLVU2.8_11 Datasheet
960Kb / 9P
600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSLC03 PROTEC-PSLC03_12 Datasheet
900Kb / 9P
350 WATT LOW CAPACITANCE TVS ARRAY
USB0403 PROTEC-USB0403_12 Datasheet
901Kb / 9P
350 WATT LOW CAPACITANCE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
350 WATT MULTI-LINE TVS ARRAY
PAM27ST2324LC PROTEC-PAM27ST2324LC Datasheet
490Kb / 7P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com