Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSIP Datasheet(PDF) 1 Page - Protek Devices

Part # VSIP
Description  High powered multi-line VSIP짰 tvs array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

VSIP Datasheet(HTML) 1 Page - Protek Devices

  VSIP Datasheet HTML 1Page - Protek Devices VSIP Datasheet HTML 2Page - Protek Devices VSIP Datasheet HTML 3Page - Protek Devices VSIP Datasheet HTML 4Page - Protek Devices VSIP Datasheet HTML 5Page - Protek Devices VSIP Datasheet HTML 6Page - Protek Devices VSIP Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05015.R11 11/10
Page 1
VSIP® Series - A & B
HIgH PoweRed multI-lIne VSIP® tVS ARRAy
deScRIPtIon
The VSIP Series are high powered multi-line TVS arrays available in a 10 pin VSIP package. This series is designed to
protect telecommunications equipment from the damaging effects of ESD, EFT and secondary transient threats.
The VSIP Series “A” has a peak pulse power rating of 800 Watts for an 8/20µs waveshape and the VSIP Series “B” has a
peak pulse power rating of 3400 Watts for an 8/20µs waveshape. These devices meets the IEC 61000-4-2, IEC 61000-
4-4 and IEC 61000-4-5 requirements.
FeAtuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• Series “A” - 800 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Series “B” - 3400 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration
• ESD Protection > 25 kilovolts
• High Surge Capability & Low Capacitance Option
• Available in Multiple Voltages
• Protects 8 to 9 Bidirectional Lines
• RoHS Compliant
• REACH Compliant
APPlIcAtIonS
• RS-232 & RS-423 Data Lines
• Telecommunications T/R Protection: ISDN, xDSL, V.34/V.90, HDLC, T1/
E1 & T3/E3
• Low & High Speed Data Lines: Ethernet & Token Ring
• I/O Port Protection
mecHAnIcAl cHARActeRIStIcS
• Molded 10 Pin Plastic VSIP® Package
• Approximate Weight: 1.5 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
PIn conFIguRAtIonS
10 PIn VSIP® PAckAge
UNIDIRECTIONAL
BIDIRECTIONAL
LOW CAPACITANCE
ISOLATED
LOW CAPACTIANCE


Similar Part No. - VSIP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSIP PROTEC-VSIP_12 Datasheet
752Kb / 7P
HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
More results

Similar Description - VSIP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
High powered multi-line tvs array
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
High powered multi-line tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
high powered VSIP짰 tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
HIGH POWERED MULTI-LINE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
HIGH POWERED VSIP짰 TVS ARRAY
VSIP PROTEC-VSIP_12 Datasheet
752Kb / 7P
HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com