Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSIP Datasheet(PDF) 2 Page - Protek Devices

Part # VSIP
Description  High powered multi-line VSIP짰 tvs array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

VSIP Datasheet(HTML) 2 Page - Protek Devices

  VSIP Datasheet HTML 1Page - Protek Devices VSIP Datasheet HTML 2Page - Protek Devices VSIP Datasheet HTML 3Page - Protek Devices VSIP Datasheet HTML 4Page - Protek Devices VSIP Datasheet HTML 5Page - Protek Devices VSIP Datasheet HTML 6Page - Protek Devices VSIP Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05015.R11 11/10
Page 2
VSIP® Series - A & B
tyPIcAl deVIce cHARActeRIStIcS
mAXImum RAtIngS @ 25°c unless otherwise Specified
PARAmeteR
SymBol
VAlue
unItS
Series “A” Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
800
Watts
Series “B” Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
3400
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
SeRIeS “A” electRIcAl cHARActeRIStIcS PeR lIne @ 25°c unless otherwise Specified
PARt
numBeR
(note 1-4)
RAted
StAnd-oFF
VoltAge
V
wm
VoltS
mInImum
BReAkdown
VoltAge
@1mA
V
(BR)
VoltS
mAXImum
clAmPIng
VoltAge
(Fig. 2)
@ IP = 1A
V
c
VoltS
mAXImum
clAmPIng
VoltAge
(Fig. 2)
@ IP = 10A
V
c
VoltS
mAXImum
leAkAge
cuRRent
@V
wm
I
d
µA
mAXImum
PeAk PulSe
cuRRent
(Fig. 2)
I
PP
amps
VS10P05
5.0
6.0
9.8
12.5
100
45
VS10P05C
5.0
6.0
9.8
12.5
100
45
VS10P05LC
5.0
6.0
9.8
12.5
100
45
VS10P05LCI
5.0
6.0
9.8
12.5
100
45
VS10P08
8.0
8.5
13.4
16.6
10
40
VS10P08C
8.0
8.5
13.4
16.6
10
40
VS10P08LC
8.0
8.5
13.4
16.6
10
40
VS10P08LCI
8.0
8.5
13.4
16.6
10
40
VS10P12
12.0
13.3
19.5
22.7
1
34
VS10P12C
12.0
13.3
19.5
22.7
1
34
VS10P12LC
12.0
13.3
19.5
22.7
1
34
VS10P12LCI
12.0
13.3
19.5
22.7
1
34
VS10P15
15.0
16.7
24.4
28.5
1
27
VS10P15C
15.0
16.7
24.4
28.5
1
27
VS10P15LC
15.0
16.7
24.4
28.5
1
27
VS10P15CLI
15.0
16.7
24.4
28.5
1
27
VS10P24
24.0
26.7
39.1
45.6
1
22
VS10P24C
24.0
26.7
39.1
45.6
1
22
VS10P24LC
24.0
26.7
39.1
45.6
1
22
VS10P24LCI
24.0
26.7
39.1
45.6
1
22
noteS
1. The “C” suffix denotes a bidirectional device, such as VS10P5c.
2. Forward voltage (Unidirectional Configurations Only): V
F = 1.5V @ 200mA.
3. The “LC” suffix denotes a low capacitance device, such as VS10P05lc. These devices have a capacitance of 25pF.
4. The “LCI” suffix denotes an isolated low capacitance device, such as VS10P05LCI.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com