Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF6936 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYRF6936
Description  WirelessUSB LP 2.4 GHz Radio SoC Low external component count
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6936 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYRF6936 Datasheet HTML 9Page - Cypress Semiconductor CYRF6936 Datasheet HTML 10Page - Cypress Semiconductor CYRF6936 Datasheet HTML 11Page - Cypress Semiconductor CYRF6936 Datasheet HTML 12Page - Cypress Semiconductor CYRF6936 Datasheet HTML 13Page - Cypress Semiconductor CYRF6936 Datasheet HTML 14Page - Cypress Semiconductor CYRF6936 Datasheet HTML 15Page - Cypress Semiconductor CYRF6936 Datasheet HTML 16Page - Cypress Semiconductor CYRF6936 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
CYRF6936
Document #: 38-16015 Rev. *J
Page 13 of 28
Table 5. Recommended BoM for Systems where VBAT is 2.4 V - 3.6 V (PMU disabled)
Item Qty CY Part Number
Reference
Description
Manufacturer
Mfr Part Number
1
1
NA
ANT1
2.5GHZ H-STUB WIGGLE ANTENNA
FOR 32MIL PCB
NA
NA
2
1
730-10012
C1
CAP 15PF 50 V CERAMIC NPO 0402
Panasonic
ECJ-0EC1H150J
3
1
730-11955
C3
CAP 2.0 PF 50 V CERAMIC NPO 0402
Kemet
C0402C209C5GACTU
4
1
730-11398
C4
CAP 1.5PF 50 V CERAMIC NPO 0402
SMD
PANASONIC
ECJ-0EC1H1R5C
5
1
730-13322
C5, C15
CAP 0.47 uF 6.3 V CERAMIC X5R 0402 Murata
GRM155R60J474KE19D
6
7
6
730-13404
C6,C7,C8,C
9,C10,C11
CAP 0.047 uF 16 V CERAMIC X5R 0402 AVX
0402YD473KAT2A
8
1
730-11953
C12
CAP 1500PF 50 V CERAMIC X7R 0402 Kemet
C0402C152K5RACTU
9
1
730-13040
C13
CAP CERAMIC 4.7UF 6.3 V XR5 0805
Kemet
C0805C475K9PACTU
10
1
730-12003
C14
CAP CER 2.2UF 10 V 10% X7R 0805
Murata
Electronics North
America
GRM21BR71A225KA01L
11
1
800-13333
D1
LED GREEN/RED BICOLOR 1210 SMD LITEON
LTST-C155KGJRKT
12
1
420-13046
J1
CONN USB PLUG TYPE A PCB SMT
ACON
UAR72-4N5J10
13
1
800-13401
L1
INDUCTOR 22NH 2% FIXED 0603 SMD Panasonic - ECG ELJ-RE22NGF2
14
1
800-11651
L2
INDUCTOR 1.8NH +-.3NH FIXED 0402
SMD
Panasonic - ECG ELJ-RF1N8DF
15
1
610-10343
R1
RES ZERO OHM 1/16W 0402 SMD
Panasonic - ECG ERJ-2GE0R00X
16
1
610-13472
R2
RES CHIP 620 OHM 1/16W 5% 0402
SMD
Panasonic - ECG ERJ-2GEJ621X
17
1
200-13471
S1
SWITCH LT 3.5MMX2.9MM 160GF SMD Panasonic - ECG EVQ-P7J01K
18
1
CYRF6936-40LFC U1
IC, LP 2.4 GHz RADIO SoC QFN-40
Cypress
Semiconductor
CYRF6936 Rev A5
19
1
CY7C63803-SXC
U2
IC LOW SPEED USB ENCORE II
CONTROLLER SOIC16
Cypress
Semiconductor
CY7C63803-SXC
20
1
800-13259
Y1
CRYSTAL 12.00MHZ HC49 SMD
eCERA
GF-1200008
21
1
PDC-9263-*B
PCB
PRINTED CIRCUIT BOARD
Cypress
Semiconductor
PDC-9263-*B
22
1
LABEL1
Serial Number
XXXXXX
23
1
LABEL2
PCA #
121-26305 **
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com