Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF6936 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYRF6936
Description  WirelessUSB LP 2.4 GHz Radio SoC Low external component count
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6936 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYRF6936 Datasheet HTML 17Page - Cypress Semiconductor CYRF6936 Datasheet HTML 18Page - Cypress Semiconductor CYRF6936 Datasheet HTML 19Page - Cypress Semiconductor CYRF6936 Datasheet HTML 20Page - Cypress Semiconductor CYRF6936 Datasheet HTML 21Page - Cypress Semiconductor CYRF6936 Datasheet HTML 22Page - Cypress Semiconductor CYRF6936 Datasheet HTML 23Page - Cypress Semiconductor CYRF6936 Datasheet HTML 24Page - Cypress Semiconductor CYRF6936 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CYRF6936
Document #: 38-16015 Rev. *J
Page 21 of 28
Typical Operating Characteristics (continued)
Figure 11. AC Test Loads and Waveforms for Digital Pins
ICC TX @ PA5
19.5
20
20.5
21
21.5
22
22.5
23
23.5
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70
TEMPERATURE (C)
ICC TX @ PA6
24.5
25
25.5
26
26.5
27
27.5
28
28.5
29
29.5
30
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70
TEMPERATURE (C)
ICC TX @ PA7
32.5
33
33.5
34
34.5
35
35.5
36
36.5
37
37.5
38
38.5
39
39.5
40
40.5
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70
TEMPERATURE (C)
3.3 V
3.0 V
2.7 V
2.4 V
3.3 V
3.0 V
2.7 V
2.4 V
3.3 V
3.0 V
2.7 V
2.4 V
90%
10%
VCC
GND
90%
10%
ALL INPUT PULSES
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
OUTPUT
RTH
Equivalent to:
VTH
THÉVENIN EQUIVALENT
Rise time: 1 V/ns
Fall time: 1 V/ns
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
Max
Typical
Parameter
Unit
R1
1071
Ω
R2
937
Ω
RTH
500
Ω
VTH
1.4
V
VCC
3.00
V
VCC
OUTPUT
R1
R2
AC Test Loads
DC Test Load
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com