Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLA42CSM Datasheet(PDF) 1 Page - Seme LAB

Part # SMLA42CSM
Description  SILICON NPN HIGH VOLTAGE TRANSISTOR IN CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMLA42CSM Datasheet(HTML) 1 Page - Seme LAB

  SMLA42CSM Datasheet HTML 1Page - Seme LAB SMLA42CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMLA42CSM
Prelim. 7/94
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
PD
Total Device Dissipation
Derate Above 25°C
Tj
Maximum Junction Temperature
Tstg
Storage Temperature Range
300V
300V
6V
500mA
350mW
2.0mW/°C
200°C
–55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
SILICON NPN
HIGH VOLTAGE TRANSISTOR
IN CERAMIC SURFACE MOUNT
PACKAGE
FEATURES
• HIGH BREAKDOWN VOLTAGE
• LOW SATURATION VOLTAGES
• LOW CAPACITANCE
• HERMETIC CERAMIC SURFACE
MOUNT PACKAGE SOT23CSM
(SOT23 COMPATIBLE)
SOT23 CERAMIC
(LCC1 PACKAGE)
PAD 1 – Base
Underside View
PAD 2 – Collector
PAD 3 – Emitter
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)


Similar Part No. - SMLA42CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMLA42CSM SEME-LAB-SMLA42CSM Datasheet
21Kb / 2P
SILICON NPN HIGH VOLTAGE TRANSISTOR IN CERAMIC SURFACE MOUNT PACKAGE
SMLA42CSM SEME-LAB-SMLA42CSM_04 Datasheet
21Kb / 2P
SILICON NPN HIGH VOLTAGE TRANSISTOR IN CERAMIC SURFACE MOUNT PACKAGE
More results

Similar Description - SMLA42CSM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
PZTA42T1 ONSEMI-PZTA42T1 Datasheet
107Kb / 6P
NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
logo
Central Semiconductor C...
CZTA46 CENTRAL-CZTA46 Datasheet
107Kb / 2P
SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CXTA44 CENTRAL-CXTA44 Datasheet
70Kb / 2P
SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR
CMLTA44 CENTRAL-CMLTA44_10 Datasheet
511Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CXTA44 CENTRAL-CXTA44_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON TRANSISTOR
logo
Seme LAB
SMLA42CSM SEME-LAB-SMLA42CSM_04 Datasheet
21Kb / 2P
SILICON NPN HIGH VOLTAGE TRANSISTOR IN CERAMIC SURFACE MOUNT PACKAGE
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29_10 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CXTA44 CENTRAL-CXTA44_15 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com