Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLA42CSM Datasheet(PDF) 2 Page - Seme LAB

Part # SMLA42CSM
Description  SILICON NPN HIGH VOLTAGE TRANSISTOR IN CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMLA42CSM Datasheet(HTML) 2 Page - Seme LAB

  SMLA42CSM Datasheet HTML 1Page - Seme LAB SMLA42CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMLA42CSM
Prelim. 7/94
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 100mAIE = 0
IC = 1mA
IB = 0*
IE = 100mAIC = 0
VCB = 200V
IE = 0
VEB = 6V
IC = 0
IC = 20mA
IB = 2mA
IC = 20mA
IB = 2mA
IC = 1mA
VCE = 10V*
IC = 10mA
VCE = 10V*
IC = 30mA
VCE = 10V*
IC = 10mA
VCE = 20V
f = 20MHz
VCB = 20V
IE = 0
f = 1MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector - Base
breakdown voltage
Collector - Emitter
breakdown voltage
Emitter - Base
breakdown voltage
Collector cut-off current
Emitter cut-off current
Collector - Emitter
saturation voltage
Base - Emitter
saturation voltage
DC Current gain
Transition frequency
Output capacitance
300
300
6
0.1
0.1
0.5
0.9
25
40
40
50
6
V
V
V
mA
mA
V
V
—
MHz
pF
* Pulse test tp = 200ms , d = 2%
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
VCE(sat)
VBE(sat)
hFE
fT
Cob



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com