Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP1008CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # VP1008CSM4
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

VP1008CSM4 Datasheet(HTML) 1 Page - Seme LAB

  VP1008CSM4 Datasheet HTML 1Page - Seme LAB VP1008CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VP1008CSM4
Prelim. 9/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VDS
Drain – Source Voltage
VGS
Gate – Source Voltage
ID
Continuous Drain Current
@TA = 25°C
@TA = 100°C
IDM
Pulsed Drain Current 1
PD
Power Dissipation
@TA = 25°C
@TA = 100°C
TSTG , TJ
Maximum Junction and Storage Temperature Range
100V
"
30V
300mA
195mA
3A
400W
160W
150°C
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
P–CHANNEL
ENHANCEMENT MODE
MOSFET
LCC3 PACKAGE
Underside View
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise stated)
NOTE:
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
PAD 1 - Drain
PAD 2 - N/C
PAD 3 - Source
PAD 4 - Gate
The VP1008CSM4 is a general purpose
P-Channel enhancement mode mosfet in
a Ceramic Surface Mount package
designed for high rel applications:
FEATURES
• BVDSS =100V
• ID = 300mA
• Hermetic Surface Mount Package
• Screening Option Available


Similar Part No. - VP1008CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
VP1008CSM4 SEME-LAB-VP1008CSM4 Datasheet
151Kb / 3P
P-CHANNEL ENHANCEMENT MODE MOSFET
VP1008CSM4 SEME-LAB-VP1008CSM4_10 Datasheet
151Kb / 3P
P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - VP1008CSM4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com