Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP1008CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # VP1008CSM4
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

VP1008CSM4 Datasheet(HTML) 2 Page - Seme LAB

  VP1008CSM4 Datasheet HTML 1Page - Seme LAB VP1008CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VP1008CSM4
Prelim. 9/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
BVDSS
VGS(TH)
IGSS
IDSS
ID(ON)
RDS(ON)
gfs
gos
Ciss
Coss
Crss
ton
toff
-110
-100
-34
-2
-45
"
100
"
500
-10
-500
-2
-11
25
5
43
8
325
200
450
38
60
16
25
25
710
910
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate – Source Leakage Current
Zero Gate Voltage Drain Current
On State Drain Current 1
Static Drain – Source
On-State Resistance 1
Forward Transconductance 1
Common Source Output Conductance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn–on Time
Turn-off Time
VGS = 0V
ID = -10mA
VDS = VGS
ID = -1mA
VGS = "20V
VGS = 0V
TJ = 125°C
VDS = -100V
VGS = 0V
TJ = 125°C
VDS = -15V
VGS = -10V
VGS = 10V
ID = -1A
TJ = 125°C
VDS = -10V
ID = -0.5A
VDS = -7.5V
ID = -0.1A
VGS = 0V
VDS = 25V
f = 1MHz
VDD = 15V
RL = 23W
ID = 0.6A
RG = 25W
VGEN = 10V
V
nA
mA
A
W
mS
mS
pF
ns
ELECTRICAL RATINGS (T
A = 25°C unless otherwise stated)
NOTES:
1) Pulse Test: Pulse Width = 300
ms , Duty Cycle £ 2%
Characteristic
Min.
Typ.
Max. Unit
312.5
RqJA
Junction – Ambient
°C/W
THERMAL CHARACTERISTICS
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
SWITCHING CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com