Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDZ2.2V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDZ2.2V
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ2.2V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDZ2.2V Datasheet HTML 1Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 2Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 3Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 6. 26
2/4
KDZ2.0V~36V
Revision No : 12
ELECTRICAL CHARACTERISTICS (Ta=25
)
TYPE No.
Grade
Zener Voltage Vz (V)
Dynamic Impedance
Zz (
)
KNEE Dynamic
Impedance Zzk (
)
Rverse Current
IR ( A)
Min.
Max.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
VR(V)
KDZ2.0V
-
1.85
2.15
5
100
5
1000
0.5
120
1.0
Y
1.95
2.15
KDZ2.2V
-
2.05
2.38
5
100
5
1000
0.5
120
1.0
Y
2.16
2.38
KDZ2.4V
-
2.28
2.60
5
100
5
1000
0.5
120
1.0
Y
2.40
2.60
KDZ2.7V
-
2.50
2.90
5
110
5
1000
0.5
120
1.0
Y
2.65
2.90
KDZ3.0V
-
2.80
3.20
5
120
5
1000
0.5
50
1.0
Y
2.95
3.20
KDZ3.3V
-
3.10
3.50
5
130
5
1000
0.5
20
1.0
Y
3.25
3.50
KDZ3.6V
-
3.40
3.80
5
130
5
1000
0.5
10
1.0
Y
3.60
3.845
KDZ3.9V
-
3.70
4.10
5
130
5
1000
0.5
10
1.0
Y
3.890
4.160
KDZ4.3V
-
4.00
4.50
5
130
5
1000
0.5
5
1.0
Y
4.170
4.430
KDZ4.7V
-
4.40
4.90
5
120
5
1000
0.5
5
1.0
Y
4.550
4.750
KDZ5.1V
-
4.80
5.40
5
70
5
1000
0.5
1
1.5
Y
4.980
5.200
KDZ5.6V
-
5.30
6.00
5
40
5
900
0.5
1
2.5
Y
5.490
5.730
KDZ6.2V
-
5.80
6.60
5
30
5
500
0.5
1
3.0
Y
6.060
6.330
KDZ6.8V
-
6.40
7.20
5
25
5
150
0.5
0.5
5.0
Y
6.650
6.930
KDZ7.5V
-
7.00
7.90
5
23
5
120
0.5
0.5
6.0
Y
7.280
7.600
KDZ8.2V
-
7.70
8.70
5
20
5
120
0.5
0.5
6.5
Y
8.020
8.360
KDZ9.1V
-
8.50
9.60
5
18
5
120
0.5
0.5
7.0
Y
8.850
9.230
KDZ10V
-
9.40
10.60
5
15
5
120
0.5
0.5
8.0
Y
9.770
10.210



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com