Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDZ2.2V Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KDZ2.2V
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ2.2V Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KDZ2.2V Datasheet HTML 1Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 2Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 3Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2009. 6. 26
3/4
KDZ2.0V~36V
Revision No : 12
ELECTRICAL CHARACTERISTICS (Continuous, Ta=25
)
TYPE No.
Grade
Zener Voltage Vz (V)
Dynamic Impedance
Zz (
)
KNEE Dynamic
Impedance Zzk (
)
Rverse Current
IR ( A)
Min.
Max.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
VR(V)
KDZ11V
-
10.40
11.60
5
15
5
120
0.5
0.5
8.5
Y
10.760
11.220
KDZ12V
-
11.40
12.60
5
15
5
110
0.5
0.5
9.0
Y
11.740
12.240
KDZ13V
-
12.40
14.10
5
15
5
110
0.5
0.5
10
Y
12.910
13.490
KDZ15V
-
13.80
15.60
5
15
5
110
0.5
0.5
11
Y
14.340
14.980
KDZ16V
-
15.30
17.10
5
18
5
150
0.5
0.5
12
Y
15.850
16.510
KDZ18V
-
16.80
19.10
5
20
5
150
0.5
0.5
14
Y
17.560
18.350
KDZ20V
-
18.80
21.20
5
25
5
200
0.5
0.5
15
Y
19.520
20.390
KDZ22V
-
20.80
23.30
5
30
5
200
0.5
0.5
17
Y
21.540
22.470
KDZ24V
-
22.80
25.60
5
40
5
200
0.5
0.5
19
Y
23.720
24.780
KDZ27V
-
26.19
27.53
2
150
2
150
0.5
0.1
21
KDZ30V
-
29.19
30.69
200
200
23
KDZ33V
-
32.15
33.79
250
250
25
KDZ36V
-
35.07
36.87
300
300
27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com