Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1501 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS1501
Description  Digital Power Factor Correction Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1501 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS1501 Datasheet HTML 3Page - Cirrus Logic CS1501 Datasheet HTML 4Page - Cirrus Logic CS1501 Datasheet HTML 5Page - Cirrus Logic CS1501 Datasheet HTML 6Page - Cirrus Logic CS1501 Datasheet HTML 7Page - Cirrus Logic CS1501 Datasheet HTML 8Page - Cirrus Logic CS1501 Datasheet HTML 9Page - Cirrus Logic CS1501 Datasheet HTML 10Page - Cirrus Logic CS1501 Datasheet HTML 11Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CS1501
DS927PP6
11
Resistor RIFB sets the feedback current and is calculated as
follows:
By using digital loop compensation, the voltage feedback
signal does not require an external compensation network.
A current proportional to the AC input voltage is supplied to the
IC on pin IAC and is used by the PFC control algorithm.
Figure 18. IAC Input Pin Model
Resistor RIAC sets the IAC current and is derived as follows:
For optimal performance, resistors RIAC & RIFB should use 1%
tolerance or better resistors for best Vlink voltage accuracy.
5.7 Valley Switching
The zero-current detection (ZCD) pin is monitored for
demagnetization in the auxiliary winding of the boost inductor
(LB). The ZCD circuit is designed to detect the VAux
valley/zero crossings by sensing the voltage transformed onto
the auxiliary winding of LB.
Figure 19. ZCD Input Pin Model
The objective of zero-voltage switching is to initiate each
MOSFET switching cycle when its drain-source voltage is at
the lowest possible voltage potential, thus reducing switching
losses. CS1501 uses an auxiliary winding on the PFC boost
inductor to implement zero-voltage switching.
Figure 20. Zero-voltage Switch
During each switching cycle, when the boost diode current
reaches zero, the boost MOSFET drain-source voltage begins
oscillating at the resonant frequency of the boost inductor and
MOSFET parasitic output capacitance. The ZCD_below_zero
signal transitions from high to low just prior to a local minimum
of the MOSFET drain-source voltage oscillation. The
zero-crossing detect circuit ensures that a ZCD_below_zero
pulse will only be generated when the comparator output is
continuously high for a nominal time period (tZCB) of 200ns.
Therefore, any negative edges on the comparator's output
due to spurious glitches will not cause a pulse to be
generated. Due to the CS1501’s variable-frequency control,
the MOSFET switching cycle will not always be initiated at the
first resonant valley.
The external circuitry should be designed so that the current
(IZCD) at the ZCD pin is approximately 1.0 mA. The table
below depicts approximate values for R3 and R4 for a range
of boost-to-auxiliary inductor turns ratio, N.
Table 1. Aux Inductor Turns Ratio vs. R3 and R4
Resistors R3 and R4 were calculated using Vlink = 400V and
Cp =10pF.
Equation 6 is used to calculate the cut-off frequency defined
by the RC circuit at the ZCD pin.
where:
fc
The cut-off frequency, fc, needs to be 10x the ringing
frequency
Cp
Capacitance at the ZCD pin
RIFB
Vlink VDD
Iref
-----------------------------
400V VDD
129mA
-------------------------------
==
[Eq.4]
R1
RIAC
IAC
IA C
VDD
15k
8
Vrect
CS1501
24k
ADC
R2
3
Iref
RIAC
RIFB
=
[Eq.5]
R3
IAux
Vlink
ZCD
LB
R4
CS1501
ZCD_below_zero
D2
FE T Drain
N:1
+
VAux
-
Demag
Comparator
+
-
Vth(ZCD)
5
IZCD
Cp
N~R3
~R4
946k
1.75k
10
42k
1.75k
11
37.5k
1.75k
12
35.5k
1.75k
13
32k
1.75k
14
29.5k
1.75k
15
27.5k
1.75k
ZCD
Zero Crossing
Detection
GD ‘ON’
ZCD_below _zero
fc
12
 R3 R4

C
p

=
[Eq.6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com