Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1501 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS1501
Description  Digital Power Factor Correction Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1501 Datasheet(HTML) 3 Page - Cirrus Logic

  CS1501 Datasheet HTML 1Page - Cirrus Logic CS1501 Datasheet HTML 2Page - Cirrus Logic CS1501 Datasheet HTML 3Page - Cirrus Logic CS1501 Datasheet HTML 4Page - Cirrus Logic CS1501 Datasheet HTML 5Page - Cirrus Logic CS1501 Datasheet HTML 6Page - Cirrus Logic CS1501 Datasheet HTML 7Page - Cirrus Logic CS1501 Datasheet HTML 8Page - Cirrus Logic CS1501 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CS1501
DS927PP6
3
2. PIN DESCRIPTION
CS
P FC Current S ens e
IFB
Link V oltage S ense
ZCD
P FC Zero-current Detect
GND
Ground
GD
P FC Gate Driver
VDD
IC S upply V oltage
STBY
S tandby
IAC
Rectifier V oltage S ense
4
3
2
1
5
6
7
8
8-lead S OIC
Figure 2. CS1501 Pin Assignments
Pin Name
Pin #
I/O
Description
IFB
1IN
Link Voltage Sense — A current proportional to the output link voltage of the PFC is
input into this pin. The current is measured with an ADC.
STBY
2IN
Standby — A voltage below 0.8V puts the IC into a non-operating, low-power state.
The input has an internal 600k
 pull-up resistor to the VDD pin.
IAC
3IN
Rectifier Voltage Sense — A current proportional to the rectified line voltage is input
into this pin. The current is measured with an ADC.
CS
4IN
PFC Current Sense — The current flowing in the PFC MOSFET is sensed through a
resistor. The resulting voltage is applied to this pin and digitized for use by the PFC
computational logic to limit the maximum current through the power FET.
ZCD
5IN
Zero-current Detect — Boost Inductor demagnetization sensing input for zero-current
detection (ZCD) information. The pin is externally connected to the PFC boost inductor
auxiliary winding through an external resistor divider.
GND
6PWR
Ground — Common reference. Current return for both the input signal portion of the IC
and the gate driver.
GD
7OUT
PFC Gate Driver — The totem pole stage is able to drive the power MOSFET with a
peak current of 0.5A source and 1.0A sink.
VDD
8PWR
IC Supply Voltage — Supply voltage of both the input signal portion of the IC and the
gate driver. A storage capacitor is connected on this pin to serve as a reservoir for oper-
ating current for the device, including the gate drive current to the power transistor. This
pin is clamped to a maximum voltage (Vz) by an internal zener function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com