Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1601H Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS1601H
Description  Digital PFC Controller for Electronic Ballasts
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1601H Datasheet(HTML) 5 Page - Cirrus Logic

  CS1601H Datasheet HTML 1Page - Cirrus Logic CS1601H Datasheet HTML 2Page - Cirrus Logic CS1601H Datasheet HTML 3Page - Cirrus Logic CS1601H Datasheet HTML 4Page - Cirrus Logic CS1601H Datasheet HTML 5Page - Cirrus Logic CS1601H Datasheet HTML 6Page - Cirrus Logic CS1601H Datasheet HTML 7Page - Cirrus Logic CS1601H Datasheet HTML 8Page - Cirrus Logic CS1601H Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS1601
DS931PP6
5
Notes: 1. Specifications guaranteed by design and are characterized and correlated using statistical process methods.
2. STBY is designed to be driven by an open collector. The input is internally pulled up with a 600 k
 resistor.
3. For test purposes, load capacitance (CL) is 1nF and is connected as shown in the following diagram.
Overcurrent Protection (OCP)
Current Sense Reference Clamp
VCS(clamp)
-1.0
-
V
Threshold on Current Sense
VCS(th)
-0.5
-
V
Leading Edge Blanking
tLEB
-
300
-
ns
Delay to Output
tCS
-
60
350
ns
Brownout Protection (BP)
Input Brownout Protection Threshold
gate drive turns off
IBP(lower)
-31.6
-
A
Input Brownout Recovery Threshold
gate drive turns on
IBP(upper)
-39.6
-
A
Thermal Protection1
Thermal Shutdown Threshold
TSD
134
147
159
°C
Thermal Shutdown Hysteresis
TSD(Hy)
-9
-
°C
STBY Input 2
Logic Threshold Low
-
-
0.8
V
Logic Threshold High
VDD-0.8
-
-
V
Parameter
Condition
Symbol
Min
Typ
Max
Unit
GD OUT
GD
GND
CS
VDD
Buffer
S1
R1
R2
R3
TP
CL
1nF
+15V
-15V
S2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com