Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1601H Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS1601H
Description  Digital PFC Controller for Electronic Ballasts
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1601H Datasheet(HTML) 1 Page - Cirrus Logic

  CS1601H Datasheet HTML 1Page - Cirrus Logic CS1601H Datasheet HTML 2Page - Cirrus Logic CS1601H Datasheet HTML 3Page - Cirrus Logic CS1601H Datasheet HTML 4Page - Cirrus Logic CS1601H Datasheet HTML 5Page - Cirrus Logic CS1601H Datasheet HTML 6Page - Cirrus Logic CS1601H Datasheet HTML 7Page - Cirrus Logic CS1601H Datasheet HTML 8Page - Cirrus Logic CS1601H Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Product Information This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
 Cirrus Logic, Inc. 2011
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS1601
CS1601H
Digital PFC Controller for Electronic Ballasts
Features & Description
Low PFC System Cost
Best-in-class THD
Digital EMI Noise Shaping Reduces Conducted EMI
Adaptive Switching Frequency Control Minimizes Boost
Inductor Size
High Efficiency Due to Zero-current Switching
Integrated Feedback Compensation Simplifies System
Design
Comprehensive Safety Features
• Undervoltage Lockout (UVLO)
• Output Overvoltage Protection
• Cycle-by-cycle Current Limiting
• Input Voltage Brownout Protection
• Open/Short Loop Protection for IAC & IFB Pins
• Thermal Shutdown
Pin placement similar to traditional boundary mode (CRM)
Controllers
Applications & Description
LED Power Supply/Driver
Fluorescent Ballasts
HID Ballasts
Overview
The CS1601 and CS1601H are digital power factor correction
(PFC) controllers designed to deliver the lowest PFC system
cost in electronic ballast applications. The controller operates
in a variable frequency discontinuous conduction mode (VF-
DCM) with zero-current switching (ZCS) optimized to deliver
best-in-class THD and minimize the size and cost of magnetic
components. The CS1601 operates at switching frequencies
up to 70 kHz while the CS1601H operates at frequencies
extending to 100kHz.
The VF-DCM control algorithm varies both duty cycle and
frequency. This spreads the EMI frequency spectrum, thus
reducing conducted EMI filtering requirements. In addition, the
maximum switching frequency is reached at the peak of the AC
input, which allows for use of a smaller, more cost-effective
boost inductor.
The feedback loop is closed through an integrated
compensation network within the controller, eliminating the
need for additional external components. Protection features
such as overvoltage, overcurrent, open and short-circuit
protection, overtemperature, and brownout protect the system
during abnormal transient conditions.
Ordering Information
See page 15.
R1
R2
R3
R4
R7
R5
R6
8
1
D1
C1
C2
Regulated
DC Output
Q1
AC
Mains
BR 1
BR1
BR 1
BR1
CS1601
CS1601H
GD
ZCD
IFB
GND
CS
IAC
VDD
LB
6
3
57
4
VDD
STBY
2
Vrect
Vlink
JUN ’11
DS931PP6


Similar Part No. - CS1601H

ManufacturerPart #DatasheetDescription
logo
Power-One
CS1601-7R POWER-ONE-CS1601-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - CS1601H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
IC for Electronic Ballasts
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
IC for Electronic Ballasts
logo
Cirrus Logic
CS1600 CIRRUS-CS1600 Datasheet
251Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
CS1600_1006 CIRRUS-CS1600_1006 Datasheet
202Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
CS1600_1007 CIRRUS-CS1600_1007 Datasheet
201Kb / 18P
LOW-cost PFC Controller for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
Electronic ballasts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com