Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1601-FSZ Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS1601-FSZ
Description  Digital PFC Controller for Electronic Ballasts
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1601-FSZ Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS1601-FSZ Datasheet HTML 8Page - Cirrus Logic CS1601-FSZ Datasheet HTML 9Page - Cirrus Logic CS1601-FSZ Datasheet HTML 10Page - Cirrus Logic CS1601-FSZ Datasheet HTML 11Page - Cirrus Logic CS1601-FSZ Datasheet HTML 12Page - Cirrus Logic CS1601-FSZ Datasheet HTML 13Page - Cirrus Logic CS1601-FSZ Datasheet HTML 14Page - Cirrus Logic CS1601-FSZ Datasheet HTML 15Page - Cirrus Logic CS1601-FSZ Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS1601
12
DS931PP6
table below depicts approximate values for R3 and R4 for a
range of boost-to-auxiliary inductor turns ratio, N.
Table 1. Aux Inductor Turns Ratio vs. R3 and R4
Resistors R3 and R4 were calculated using Vlink = 460V and
Cp =10pF.
Equation 6 is used to calculate the cut-off frequency defined
by the RC circuit at the ZCD pin.
where:
fc
The cut-off frequency, fc, needs to be 10x the ringing
frequency.
Cp
Capacitance at the ZCD pin
5.8 Brownout Protection
The CS1601 brownout detection circuit monitors the peak of
the Vrect input voltage and disables the PWM switching when
it drops below a pre-determined threshold. Hysteresis and
minimum detection time are provided to avoid brownout
detection during short input transients. When brownout is
detected, the CS1601 enters standby mode. On recovery from
brownout, it re-enters normal operating mode.
Current IAC is proportional to the AC input voltage Vrect,where
Vrect =RIACxIACand RIAC = R1+R2 in Figure 19 on page 11.
The digitized current applied to the IAC pin is monitored by the
brownout protection algorithm. When Vrect drops below the
brownout detection threshold, the CS1601 triggers a timer.
The IC asserts the brownout protection and stops the gate-
drive switching only if the timer exceeds 56ms. This is the
equivalent of 7 rectified line cycles at 60Hz.
During the brownout state, the device continues monitoring
the input line voltage. The device exits the brownout state
when IAC exceeds the brownout upper threshold for at least
56ms. Typical values for the lower (IBP(lower)) and upper
(IBP(upper)) brownout thresholds are 31.6A and 39.6A,
respectively.
The overpower protection may activate prior to brownout
protection, depending on the load.
Figure 22. Brownout Sequence
The maximum response time of the brownout protection
feature occurs at light-load conditions. It is calculated by
Equation 7.
where:
VBP(th) Brownout threshold voltage, VBP(th) = IBP(lower)xRIAC
5.9 Overvoltage Protection
The overvoltage protection (OVP) will trigger immediately and
stop the gate drive when the current into the IFB pin (IOVP)
exceeds 105% of the reference current (Iref) value. The IC
resumes gate drive switching when the measured current at IFB
drops below IOVP –IOVP(Hy). Equation 8 is used to calculate the
OVP threshold (VOVP).
5.10 Overcurrent Protection
To limit boost inductor current through the FET and to prevent
boost inductor saturation conditions, the CS1601 incorporates
a cycle-by-cycle peak inductor current limit circuit using an
external shunt resistor to ‘sense’ the FET source current
accurately. The overcurrent protection (OCP) circuit is
designed to monitor the current when the active switch is
turned on. The OCP circuit is enabled after the leading-edge
blanking time (tLEB). The shunt voltage is compared to a
reference voltage, Vcs(th), to determine whether an
overcurrent condition exists. The OCP circuit triggers
immediately, allowing the OCP algorithm to turn off the gate
driver.
The overcurrent protection circuit is also designed to monitor
for a catastrophic overcurrent occurrence by sensing sudden
and abnormal operating currents. A second OCP threshold,
Vcs(clamp), determines whether a severe overcurrent condition
exists. This immediately turns off the gate drive and the
system enters a restart mode. The CS1601 inhibits all
switching operations for approximately 1.6ms then attempts to
restart normal operation.
N~R3
~R4
946k
1.75k
10
42k
1.75k
11
37.5k
1.75k
12
35.5k
1.75k
13
32k
1.75k
14
29.5k
1.75k
15
27.5k
1.75k
fc
12
 R3 R4

C
p

=
[Eq.6]
56 ms
56 ms
Start
Timer
Enter Standby
Exit Standby
Upper
Lower
Brownout
Thresholds
Start Timer
TBrownout
TBrownout
8ms
8ms
5V
------------ 128 V VBP th

–
 56 ms
++
=
[Eq.7]
8
=
8
5
--- 128 94.8
–
 56
++
117ms
=
VOVP
RIFB IOVP
VDD
+
=
[Eq.8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com