Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1601-FSZ Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS1601-FSZ
Description  Digital PFC Controller for Electronic Ballasts
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1601-FSZ Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS1601-FSZ Datasheet HTML 8Page - Cirrus Logic CS1601-FSZ Datasheet HTML 9Page - Cirrus Logic CS1601-FSZ Datasheet HTML 10Page - Cirrus Logic CS1601-FSZ Datasheet HTML 11Page - Cirrus Logic CS1601-FSZ Datasheet HTML 12Page - Cirrus Logic CS1601-FSZ Datasheet HTML 13Page - Cirrus Logic CS1601-FSZ Datasheet HTML 14Page - Cirrus Logic CS1601-FSZ Datasheet HTML 15Page - Cirrus Logic CS1601-FSZ Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CS1601
14
DS931PP6
5.15 Summary of Equations
Eq. #
Equation
Variables/Recommended Values
1
Output Power (page 10)
Po
Rated output power of the system.
Efficiency of the boost converter (estimated as
100% by the PFC algorithm).
Vin(min) Minimum RMS line voltage is 90Vrms,
measured after the rectifier and EMI filter.
Vlink
Nominal PFC output voltage must be 400V.
fmax
Maximum switching frequency is 70kHz.
LB
Boost inductor specified by rated power
requirement.
Margin factor to guarantee rated output power
(Po) against boost inductor tolerances.
RIAC
Value of the IAC pin sense resistor(s).
RIFB
Value of the IFB pin sense resistor(s).
Iref
Value of the fixed, internal reference current.
fc
The cut-off frequency, fc, needs to be 10x the
ringing frequency or fc = 10MHz.
Cp
Capacitance at the ZCD pin. Cp<10pF.
VBP(th)
Brownout threshold voltage. VBP(th) = 94.8V.
Cout
Value of the output capacitor in microfarads.
fline(min) Minimum line frequency.
VDD
IC Supply Voltage.
VOVP
OVP threshold.
IOVP
Current into the IFB pin.
2
Output Power w/ recommended values (page 10)
3
Boost Inductor (page 10)
4
Output IFB Sense Resistor (page 11)
5
Input IAC Sense Resistor (page 11)
6
Auxiliary Winding Cut-off Frequency (page 12)
7
Maximum Response Time for Brownout: (page 12)
8
Overvoltage Protection
(page 12)
9
Boost Inductor Peak Current
10
Boost Inductor RMS Current
11
Vlink Voltage Ripple
Po

Vin min


2
Vlink
Vin min

2

–
2fmax LB Vlink
---------------------------------------------------------
=
Po

90Vrms

2
400V
90Vrms
2

–
270kHz
LB 400V
-------------------------------------------------------------
=
LB

90Vrms

2
400V
90Vrms
2

–
270kHz Po
400V
-------------------------------------------------------------
=
RIFB
Vlink VDD
–
Iref
-----------------------------
400V VDD
–
129
A
-------------------------------
==
RIAC
RIFB
=
fc
12
 R3 R4

C
p

=
TBrownout
8ms
8ms
5V
------------ 128 V VBP th

–
 56 ms
++
=
VOVP
RIFB IOVP
VDD
+
=
ILB pk

4PO
 V
in min

2
--------------------------------------------
=
ILB rms

PO
Vin min

------------------------------
=
V
link rip

PO
2
 f
line min

Vlink
Cout
------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com