Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3743EUFDPBF Datasheet(PDF) 21 Page - Linear Technology

Part # LT3743EUFDPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743EUFDPBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3743EUFDPBF Datasheet HTML 17Page - Linear Technology LT3743EUFDPBF Datasheet HTML 18Page - Linear Technology LT3743EUFDPBF Datasheet HTML 19Page - Linear Technology LT3743EUFDPBF Datasheet HTML 20Page - Linear Technology LT3743EUFDPBF Datasheet HTML 21Page - Linear Technology LT3743EUFDPBF Datasheet HTML 22Page - Linear Technology LT3743EUFDPBF Datasheet HTML 23Page - Linear Technology LT3743EUFDPBF Datasheet HTML 24Page - Linear Technology LT3743EUFDPBF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3743
21
3743fb
TYPICAL APPLICATIONS
12V, 20A LED Driver
EN/UVLO
PWM
CTRL_SEL
EN/UVLO
PWM
CTRL_SEL
HG
VIN
CBOOT
VREF
CTRL_L
CTRL_H
CTRL_T
LT3743
RT
SYNC
SW
LG
GND
VCH
VCL
SENSE+
SENSE–
PWMGH
PWMGL
VCC_INT
100nF
L1
1.0μH
22μF
C1
330μF
3
2.5mΩ
33nF
FB
10nF
34k
4.7nF
34k
D1: LUMINUS PT120
L1: IHLP4040DZER1R0M01
M1: RJK0365DPA
M2: RJK0346DPA
M3, M4: Si7236DP
C1, C2, C3: PTPR330M9L (THREE IN PARALLEL)
4.7nF
82.5k
50k
50k
C3
330μF
3
D1
60.4k
3743 TA02
10k
1μF
2.2nF
RNTC
10k
220μF
M1
M2
M3
M4
VIN
12V
OUTPUT
20A MAXIMUM
1μF
C2
330μF
3
SS
RHOT
499Ω
10Ω
10Ω
CTRL_SEL DIMMING DUTY CYCLE (%)
0
90
92
94
80
3743 TA02b
88
86
20
40
60
100
84
82
80
VIN = 12V
GREEN LED
Efficiency (Stepping from 2A to 20A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com