Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3743EUFDPBF Datasheet(PDF) 28 Page - Linear Technology

Part # LT3743EUFDPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743EUFDPBF Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3743EUFDPBF Datasheet HTML 20Page - Linear Technology LT3743EUFDPBF Datasheet HTML 21Page - Linear Technology LT3743EUFDPBF Datasheet HTML 22Page - Linear Technology LT3743EUFDPBF Datasheet HTML 23Page - Linear Technology LT3743EUFDPBF Datasheet HTML 24Page - Linear Technology LT3743EUFDPBF Datasheet HTML 25Page - Linear Technology LT3743EUFDPBF Datasheet HTML 26Page - Linear Technology LT3743EUFDPBF Datasheet HTML 27Page - Linear Technology LT3743EUFDPBF Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3743
28
3743fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0810 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3755/LT3755-1
High Side 40V, 1MHz LED Controller with True Color
3000:1 PWM Dimming
VIN: 4.5V to 40V, VOUT(MAX) = 60V, Dimming = 3000:1 True Color PWM™,
ISD < 1μA, 3mm × 3mm QFN16, MSOP16E
LT3756/LT3756-1
High Side 100V, 1MHz LED Controller with True Color
3000:1 PWM Dimming
VIN: 6V to 100V, VOUT(MAX) = 100V, Dimming = 3000:1 True Color PWM,
ISD < 1μA, 3mm × 3mm QFN16, MSOP16E
LTC3783
High Side 36V, 1MHz LED Controller with True Color
3000:1 PWM Dimming
VIN: 3V to 36V, VOUT(MAX) = 40V, Dimming = 3000:1 True Color PWM,
ISD < 20μA, 4mm × 5mm DFN16, TSSOP16E
LT3517
1.3A, 2.5MHz High Current LED Driver with 3000:1
Dimming
VIN: 3V to 30V, Dimming = 3000:1 True Color PWM, ISD < 1μA,
4mm × 4mm QFN16
LT3518
2.3A, 2.5MHz High Current LED Driver with 3000:1
Dimming
VIN: 3V to 30V, Dimming = 3000:1 True Color PWM, ISD < 1μA,
4mm × 4mm QFN16
LT3496
Triple Output 750mA, 2.1MHz High Current LED Driver
with 3000:1 Dimming
VIN: 3V to 30V, VOUT(MAX) = 40V, Dimming = 3000:1 True Color PWM,
ISD < 1μA, 4mm × 5mm QFN28
LT3474/LT3474-1
36V, 1A (ILED), 2MHz Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, Dimming = 400:1 True Color PWM,
ISD < 1μA, TSSOP16E
LT3475/LT3475-1
Dual 1.5A (ILED), 36V Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, Dimming = 3000:1 True Color PWM,
ISD < 1μA, TSSOP20E
LT3476
Quad Output 1.5A, 2MHz High Current LED Driver with
1000:1 Dimming
VIN: 2.8V to 16V, VOUT(MAX) = 36V, Dimming = 1000:1 True Color PWM,
ISD < 10μA, 5mm × 7mm QFN10
LT3478/LT3478-1
4.5A, 2MHz High Current LED Driver with 3000:1
Dimming
VIN: 2.8V to 36V, VOUT(MAX) = 40V, Dimming = 1000:1 True Color PWM,
ISD < 10μA, 5mm × 7mm QFN10
24V, 40A Pulsed LED Driver
EN/UVLO
PWM
CTRL_SEL
EN/UVLO
PWM
CTRL_SEL
HG
VIN
CBOOT
VREF
CTRL_L
CTRL_H
CTRL_T
LT3743
RT
SYNC
SW
LG
GND
VCH
VCL
SENSE+
SENSE–
PWMGH
PWMGL
VCC_INT
220nF
L1
1μH
22μF
33nF
M2
×2
M3
M4
D1
M1
×2
C1
330μF
×3
1.25mΩ
FB
1μF
51k
5.6nF
51k
5.6nF
150k
50k
50k
C3
330μF
×3
140k
3743 TA08
20k
1μF
C2
330μF
×3
1μF
RNTC
10k
220μF
VIN
24V
OUTPUT
40A MAXIMUM
220μF
4.7μF
×8
1μF
1μF
1nF
SS
10Ω
10Ω
RHOT
499Ω
L1: 1HLP5050FDER1R0M01
M1, M2: RJK0330DPB
M3, M4: Si7234DP
C1, C2, C3: PTPR33OM9L
CTRL_SEL
5V/DIV
ILED
20A/DIV
SW
10V/DIV
20μs/DIV
3743 TA08b
VIN = 12V
4A to 40A LED Current Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com