Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC7011 Datasheet(PDF) 21 Page - Fuji Electric

Part # SPC7011
Description  Fuji Switching Power Supply Control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SPC7011 Datasheet(HTML) 21 Page - Fuji Electric

Back Button SPC7011 Datasheet HTML 13Page - Fuji Electric SPC7011 Datasheet HTML 14Page - Fuji Electric SPC7011 Datasheet HTML 15Page - Fuji Electric SPC7011 Datasheet HTML 16Page - Fuji Electric SPC7011 Datasheet HTML 17Page - Fuji Electric SPC7011 Datasheet HTML 18Page - Fuji Electric SPC7011 Datasheet HTML 19Page - Fuji Electric SPC7011 Datasheet HTML 20Page - Fuji Electric SPC7011 Datasheet HTML 21Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AN-073E Rev.1.1
April-2011
21
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
FA5695
(2) Example of GND wiring around IC
(Note)
This wiring example is to make users understand the idea of GND wiring. The occurrence conditions of noise and
malfunction are different depending on each application circuit, and it is not to guarantee that all application circuit
will normally operate even if you use this wiring example (Fig. 32).
13 Example of application circuit
Fig.32 Good example of GND wiring around IC
Fig.33 Bad example of GND wiring around IC
FB COMP RT
OVP
VCC OUT GND
IS
SPC7011F
FA5695
L101
TH101
D101
C201
L201
R207
D204
IC201
C210
90 to 264Vac
5D22
600V25A
1µ
180µH
100
22
390 V
200 W
FB
COMP
RT
OVP
VCC
OUT
GND
IS
1000p
VCC
GND
J101
J201
L102
F101
6.3A
R101
R102
R103
C101
ZT101
C102
C103
C104
C105
C106
D201
R215
R216
R217
R218
R219
R220 47k
VR201
C202
2200k
R221 3.9k
220u
Q201
R208
R209
D203
47k
C211
56u
R214
100k
C209
0.1u
R201
0.068
R213
47
C208
2200p
R211
47k
C212
0.01u
0.15u
C205
C206
0.15u
R210
68k
510k
510k
510k
1000p
1000p
0.47u
0.47u
2200p
2200p
J202
D205
1
3
1
4
2
1
L
N
GND
ERA91-02
FMH21N50ES
YG952S6RP
2200k
R222
R223
R224
R225
R226
2200k
2200k
680k
51k
C214
1000p
680k
R227
680k
C213
220p
SPC7011F
L101
TH101
D101
C201
L201
R207
D204
IC201
C210
90 to 264Vac
5D22
600V25A
1µ
180µH
100
22
390 V
200 W
FB
COMP
RT
OVP
VCC
OUT
GND
IS
1000p
VCC
GND
J101
J201
L102
F101
6.3A
R101
R102
R103
C101
ZT101
C102
C103
C104
C105
C106
D201
R215
R216
R217
R218
R219
R220 47k
VR201
C202
2200k
R221 3.9k
220u
Q201
R208
R209
D203
47k
C211
56u
R214
100k
C209
0.1u
R201
0.068
R213
47
C208
2200p
R211
47k
C212
0.01u
0.15u
C205
C206
0.15u
R210
68k
510k
510k
510k
1000p
1000p
0.47u
0.47u
2200p
2200p
J202
D205
1
3
1
4
2
1
L
N
GND
ERA91-02
FMH21N50ES
YG952S6RP
2200k
R222
R223
R224
R225
R226
2200k
2200k
680k
51k
C214
1000p
680k
R227
680k
C213
220p
SPC7011F
L101
TH101
D101
C201
L201
R207
D204
IC201
C210
90 to 264Vac
5D22
600V25A
1µ
180µH
100
22
390 V
200 W
FB
COMP
RT
OVP
VCC
OUT
GND
IS
1000p
VCC
GND
J101
J201
L102
F101
6.3A
R101
R102
R103
C101
ZT101
C102
C103
C104
C105
C106
D201
R215
R216
R217
R218
R219
R220 47k
VR201
C202
2200k
R221 3.9k
220u
Q201
R208
R209
D203
47k
C211
56u
R214
100k
C209
0.1u
R201
0.068
R213
47
C208
2200p
R211
47k
C212
0.01u
0.15u
C205
C206
0.15u
R210
68k
510k
510k
510k
1000p
1000p
0.47u
0.47u
2200p
2200p
J202
D205
1
3
1
4
2
1
L
N
GND
ERA91-02
FMH21N50ES
YG952S6RP
2200k
R222
R223
R224
R225
R226
2200k
2200k
680k
51k
C214
1000p
680k
R227
680k
C213
220p
SPC7011F
FA5695
FB
COMP
RT
OVP
VCC
OUT
GND
IS
SPC7011F
FA5695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com