Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC7011 Datasheet(PDF) 7 Page - Fuji Electric

Part # SPC7011
Description  Fuji Switching Power Supply Control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SPC7011 Datasheet(HTML) 7 Page - Fuji Electric

Back Button SPC7011 Datasheet HTML 3Page - Fuji Electric SPC7011 Datasheet HTML 4Page - Fuji Electric SPC7011 Datasheet HTML 5Page - Fuji Electric SPC7011 Datasheet HTML 6Page - Fuji Electric SPC7011 Datasheet HTML 7Page - Fuji Electric SPC7011 Datasheet HTML 8Page - Fuji Electric SPC7011 Datasheet HTML 9Page - Fuji Electric SPC7011 Datasheet HTML 10Page - Fuji Electric SPC7011 Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN-073E Rev.1.1
April-2011
7
FA5695
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(3)Electrical Characteristics (Unless otherwise specified, Ta=25°C, Vcc=12V, Vfb=1.0V,
Vcomp=5.0V, Rrt=82kΩ、Vovp=1.0V, Vis=100mV)
ERROR AMPLIFIER (FB,COMP Pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Voltage Feedback Input
Threshold
Vfb
2.465
2.500
2.535
V
Line Regulation
Regline
Vcc=10V to 26V
-20
-10
-
mV
Temperature stability
VdT
Tj=-30°C to +85°C
±0.5
mV/°C
Transconductance
Gm
50
75
100
umho
Output current at startup
Io_ss
Source:V(FB)=1.0V
-20
-40
-60
uA
Output Current
Io
Source:V(FB)=1.0V
Sink:V(FB)=4.0V
-40
30
-60
50
-80
70
uA
RAMP OSCILLATOR (RT Pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Maximum on range
Tonmax
V(COMP)=5.0V
V(FB)=Vfb
24
30
36
Us
Maximum on range
(Soft start)
Tonmax_
soft-start
V(COMP)=5.0V
V(FB)=1.0V
18
24
30
us
Maximum oscillating frequency
Fmax
V(COMP)=1.0V
340
400
460
kHz
RT output voltage
Vrt
0.90
1.15
1.40
V
PWM comparator (COMP Pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Input threshold voltage
Vthcomp
0.6
0.7
0.8
V
SOFT START (FB Pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Soft start cancellation voltage
Vthsoft
V(COMP)=5.0V
Ton>Tonmax*90%
0.94*Vfb
V
OVERVOLTAGE COMPARATER (FB Pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Vsovph
V(FB)=2.5V→3.0V
1.060*Vfb
1.080*Vfb
1.095*Vfb
V
Vsovpl
V(FB)=3.0V→2.5V
1.020*Vfb
1.040*Vfb
1.060*Vfb
V
Static OVP threshold voltage
Vsovphys
Vsovph-Vsovpl
0.030*Vfb
0.040*Vfb
0.060*Vfb
V
Dynamic OVP
threshold voltage
Vdovp
V(FB)=2.5V→3.0V
Ton=Tonmax*70%
1.025*Vfb
1.050*Vfb
1.075*Vfb
V
FB SHORT COMPARATOR (FB Pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Input threshold voltage
Vthfb
0.1
0.3
0.5
V
Pull-up current
Ipullup
V(FB)=2.5V
1.2
1.8
2.4
uA
CURRENT SENSE COMPARATOR (IS Pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
IS threshold voltage
Vthis
-0.58
-0.60
-0.62
V
IS threshold voltage
temperature characteristics
Vthisdt
Tj=-30°C to +85°C
-1.5
1.5
%
Output delay
Tphl
-
200
500
ns
Zero current detection voltage
Vzcd
-15.0
-10.0
-5.0
mV
Zero current detection delay
Tzcd
0.3
0.9
1.5
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com