Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC9012 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC9012
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC9012 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC9012 Datasheet HTML 1Page - KEC(Korea Electronics) KTC9012 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2010. 6. 25
2/2
KTC9012
Revision No : 2
VCE(sat) - IC
IC - VCE
COLLECTOR-EMITTER VOLTAGE VCE (V)
0
-1
-100
0
500
-0.3
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
hFE - IC
-2
-3
-4
-5
-200
-300
-400
-600
-500
I =-1mA
0
-2
-3
-4
-5
-6
-7
-8
B
COMMON EMITTER
Ta=25 C
-1
-3
-10
-30
-1K
-100
-300
10
30
50
100
300
COMMON EMITTER
Ta =100 C
Ta =-25 C
Ta =25 C
V =-6V
CE
CE
V =-1V
Ta =100 C
Ta =-25 C
Ta =25 C
-0.5
-0.5 -1
-3
-10
-30
-1K
-100
-300
-0.01
-0.03
-0.05
-0.1
-0.3
COMMON EMITTER
-10
-0.3
0
BASE-EMITTER VOLTAGE VBE (V)
IB - VBE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-3
-30
-100
-300
-1k
COMMON
V =-6V
CE
I /I =10
CB
EMITTER
0
0
PC - Ta
25
50
75
100
125
150
175
100
200
300
400
700
600
500
AMBIENT TEMPERATURE Ta ( C)
(LOW VOLTAGE REGION)
Cu
Fe



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com