Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC9012 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC9012
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC9012 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC9012 Datasheet HTML 1Page - KEC(Korea Electronics) KTC9012 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2010. 6. 25
1/1
SEMICONDUCTOR
TECHNICAL DATA
KTC9012
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Excellent hFE Linearity.
・Complementary to KTC9013.
MAXIMUM RATING (Ta=25
℃)
TO-92
DIM MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2 3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Emitter Current
IE
500
mA
Collector Power Dissipation
PC*
625
mW
400
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
-
-
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
μA
DC Current Gain
hFE (Note)
VCE=-1V, IC=-50mA
64
-
246
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-0.1
-0.25
V
Base-Emitter Voltage
VBE
IC=-100mA, VCE=-1V
-0.8
-1.0
V
Transition Frequency
fT
VCB=-6V, IC=-20mA, f=100MHz
150
-
-
MHz
Collector Output Capacitance
Cob
VCB=-6V, IE=0, f=1MHz
-
7.0
-
pF
Note : hFE Classification D:64~91, E:78~112, F:96~135, G:118~166, H:144~202, I:176~246
* Cu Lead-Frame : 625mW
Fe Lead-Frame : 400mW


Similar Part No. - KTC9012

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC9012 KEC-KTC9012 Datasheet
114Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC9012 KEC-KTC9012 Datasheet
177Kb / 5P
2SC3229
KTC9012S KEC-KTC9012S Datasheet
40Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING APPLICATION
KTC9012SC KEC-KTC9012SC Datasheet
620Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
KTC9012S KEC-KTC9012S_15 Datasheet
359Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTC9012

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com