Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MB6S
Description  Single-Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MB6S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MB6S Datasheet HTML 1Page - KEC(Korea Electronics) MB6S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2005. 6. 1
1/2
Revision No : 0
FEATURES
Plastic package has Underwriters Laboratory flammability
Classification 94V-0.
Glass passivated chip junction.
High surge overload rating : 35A peak.
Saves space on printed circuit boards.
High temperature soldering guaranteed : 260 /10 seconds.
MAXIMUM RATING (Ta=25 )
MBS
0.74
0.43
2.67
2.41
4.95
4.55
1.24
0.99
0.41
0.15
0.96
0.48
0.20
0.10
1.47
1.37
2.90
2.80
0.46
0.36
1.57
1.47
5.21
4.95
0.19
0.16
2.90
2.40
2.70
2.30
4.10
3.65
6.90
6.40
0.8
[Unit:mm]
SEMICONDUCTOR
TECHNICAL DATA
MB6S
Single-Phase Bridge Rectifiers
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
repetitive peak reverse voltage
VRRM
600
V
RMS voltage
VRMS
420
V
DC blocking voltage
VDC
600
V
Average forward output rectified
current (see Fig.1) On glass-epoxy
P.C.B on aluminum substrate.
IF(AV)
0.5 (Note1)
0.8 (Note2)
A
Peak forward surge current
IFSM
35.0
A
Rating for fusing (t<8.3ms)
I2t
5.0
A2sec
Operating Junction and
Storage Temperature Range
Tj, Tstg
-55~150
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Forward voltage
VF
IF=0.4A
-
-
1.0
V
Leakage current
Ta=25
IR
VR=600V
-
-
5.0
A
Ta=125
-
-
100
Junction capacitance
CJ
VR=4.0V, f=1.0MHz
-
13
-
pF
Typical thermal resistance
Rth(A)
(Note1)
Junction to ambient
-
-
85
/W
Rth(A)
(Note2)
70
Rth(L)
(Note1)
Junction to lead
-
-
20
Type Name
Marking
Lot No.
C
Note 1) on glass epoxy P.C.B mounted on 0.05 0.05 (1.3 1.3mm) Pads.
Note 2) on aluminum substrate P.C.B with an area of 0.8 0.8 (20 20mm) mounted on 0.05 0.05 (1.3 1.3mm) solder pad.


Similar Part No. - MB6S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB6S FAIRCHILD-MB6S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB6S GE-MB6S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB6S MCC-MB6S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB6S SEMIKRON-MB6S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB6S BILIN-MB6S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MB6S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com