Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14579E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14579E
Description  Low-Power Headset Detectors with SEND/END Button Support Low-Power Microphone Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14579E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14579E Datasheet HTML 1Page - Maxim Integrated Products MAX14579E Datasheet HTML 2Page - Maxim Integrated Products MAX14579E Datasheet HTML 3Page - Maxim Integrated Products MAX14579E Datasheet HTML 4Page - Maxim Integrated Products MAX14579E Datasheet HTML 5Page - Maxim Integrated Products MAX14579E Datasheet HTML 6Page - Maxim Integrated Products MAX14579E Datasheet HTML 7Page - Maxim Integrated Products MAX14579E Datasheet HTML 8Page - Maxim Integrated Products MAX14579E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 ______________________________________________________________________________________
Low-Power Headset Detectors
with SEND/END Button Support
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to ground.)
VCC, MODE, SWD, DET ..........................................-0.3V to +6V
CAP, MIC, DETIN, RES ............................ -0.3V to (VCC + 0.3V)
Continuous Current into Any Terminal .......................... Q100mA
Continuous Power Dissipation (TA = +70NC)
TDFN (derate 11.9mW/NC above +70NC) .................953.5mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ...............................+300NC
Soldering Temperature (reflow) ......................................+260NC
TDFN
Junction-to-Ambient Thermal Resistance (BJA)........83.9NC/W
Junction-to-Case Thermal Resistance (BJC)................37NC/W
ELECTRICAL CHARACTERISTICS
(VCC = 2.5V to 5.5V, CDETIN < 100pF, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = 3.6V, TA = +25NC.)
(Note 2)
ABSOLUTE MAXIMUM RATINGS
PACKAGE THERMAL CHARACTERISTICS (Note 1)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage Range
VCC
2.5
5.5
V
VCC Undervoltage-Lockout
Threshold
VCCUVLO VCC rising
0.9
1.7
2.45
V
VCC Supply Current
ICC
VCC = 2.8V
MODE = low, DETIN = high
0.8
1.3
F
A
MODE = low, DETIN = low,
IMIC = 300FA
8
11
MODE = high, DETIN = low,
IMIC = 300FA
500
800
DETIN Pullup Resistance
RDETIN
1000
kI
Internal Microphone Bias Voltage
VBIAS
MODE = low
VCC
V
MODE = high, DETIN = low
2.2
MIC SEND/END Detection
Threshold
0.20 O
VBIAS
0.22 O
VBIAS
0.24 O
VBIAS
V
DETIN Detection Threshold
Falling edge
1/3 O
VCC
1/2 O
VCC
2/3 O
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com