Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14579E Datasheet (PDF) - Maxim Integrated Products

MAX14579E Datasheet PDF - Maxim Integrated Products
Part # MAX14579E
Download  MAX14579E Download
File Size   1437.44 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power Headset Detectors with SEND/END Button Support Low-Power Microphone Mode

MAX14579E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14579E Datasheet PDF - Maxim Integrated Products

Part # MAX14579E
Download  MAX14579E Click to download

File Size   1437.44 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power Headset Detectors with SEND/END Button Support Low-Power Microphone Mode

MAX14579E Datasheet (HTML) - Maxim Integrated Products


MAX14579E Product details

General Description
The MAX14579E/MAX14579AE provide a simple solution for detecting the insertion and managing the operation of a 3.5mm stereo headset with a microphone. These devices integrate all circuitry required to detect SEND/END button press events and generate required microphone bias voltages.

Features
● 3.5mm Jack Insertion Detection
● Simple Interface: One Input/Two Open-Drain Outputs
● Low-Power Microphone Mode
● Low-Noise, High-PSRR Microphone Bias Generator
● Click-and-Pop Suppression
● High-ESD Protection on MIC and DETIN Inputs ±15kV Human Body Model (HBM)

Applications
    Cell Phones
    e-Readers
    Tablet PCs




Similar Part No. - MAX14579E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX14570 MAXIM-MAX14570 Datasheet
1Mb / 20P
High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14570EZT+T MAXIM-MAX14570EZT+T Datasheet
1Mb / 20P
High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
More results


Similar Description - MAX14579E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14627 MAXIM-MAX14627 Datasheet
2Mb / 16P
Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Maxim Integrated Produc...
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Texas Instruments
TPS3420 TI-TPS3420 Datasheet
855Kb / 19P
Low-Power, Push-Button Controllers with Configurable Delay
logo
Diodes Incorporated
AZV5001 DIODES-AZV5001 Datasheet
634Kb / 12P
Low-Power Headset Detection IC in Miniaturized Package
Rev 2
logo
Vishay Siliconix
DG2592 VISHAY-DG2592 Datasheet
187Kb / 13P
Audio Jack Detector with Send / End Detect
30-Nov-15
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
logo
TDK Electronics
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
Analog Microphone with Low Power Mode
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
logo
TDK Electronics
T3902 TDK-T3902 Datasheet
440Kb / 22P
Bottom Port PDM Low‐Power Multi‐Mode Microphone With High AOP Mode
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com