Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA64 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MMBTA64
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBTA64 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MMBTA64 Datasheet HTML 1Page - KEC(Korea Electronics) MMBTA64 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 8. 29
2/2
MMBTA63/64
Revision No : 5
COLLECTOR CURRENT I
(mA)
C
f
- I
h
- I
C
COLLECTOR CURRENT I
(mA)
BE
BASE-EMITTER VOLTAGE V
(V)
I
- V
COLLECTOR CURRENT I
(mA)
C
V
, V
- I
FE
C
V
=-5V
CE
TC
V
=-5V
CE
BE(sat)
C
VBE(sat)
CE(sat)
CE(sat)
V
C
I =1000IB
BE
C
V
=-5V
CE
-1
-3
-10
-30
1M
100k
0
-0.4
-0.8
-1.2
-200
-3
-30
30k
-100
-300
-1k
300k
10k
3k
1k
-1k
30
-3
10
3
1
-1
-100
-10
-30
-300
1k
300
100
-0.03
-0.01
-1
-3
-10
-3
-1
-0.1
-0.3
-300
-30
-10
-100
-1k
-1.6
-2.0
-2.4
-1
-10
-100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com