Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA64 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MMBTA64
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBTA64 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MMBTA64 Datasheet HTML 1Page - KEC(Korea Electronics) MMBTA64 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 8. 29
1/2
SEMICONDUCTOR
TECHNICAL DATA
MMBTA63/64
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 5
GENERAL PURPOSE APPLICATION.
DARLINGTON TRANSISTOR.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
*Pulse Test : Pulse Width
300 S, Duty Cycle
2.0%
* : Package Mounted On 99.5% Alumina 10
8
0.6mm.
TYPE
MMBTA63
MMBTA64
MARK
AGX
AFX
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
V(BR)CES
IC=-0.1mA, IB=0
-30
-
-
V
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-10V, IC=0
-
-
-0.1
A
DC Current Gain
MMBTA63
hFE(1)
IC=-10mA, VCE=-5V
5,000
-
-
MMBTA64
10,000
-
-
MMBTA63
hFE(2)
IC=-100mA, VCE=-5V
10,000
-
-
MMBTA64
20,000
-
-
Collector-Emitter
Saturation Voltage
MMBTA63/64
VCE(sat)
IC=-100mA, IB=-0.1mA
-
-
-1.5
V
Base Emitter
Voltage
MMBTA63/64
VBE
IC=-100mA, VCE=-5V
-
-
-2.0
V
Current Gain
Bandwith Product
MMBTA63/64
fT
IC=-10mA, f=100MHz
VCE=-5V
125
-
-
MHz
MARK SPEC
Type Name
Marking
Lot No.
AX
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base
Voltage
MMBTA63/64
VCBO
-30
V
Collector-Emitter
Voltage
MMBTA63/64
VCES
-30
V
Emitter-Base Voltage
VEBO
-10
V
Collector Current
DC
IC
-500
mA
Pulse
ICP
-1
A
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150


Similar Part No. - MMBTA64

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA64 TRSYS-MMBTA64 Datasheet
132Kb / 1P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
PNP (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA64 FAIRCHILD-MMBTA64 Datasheet
46Kb / 3P
PNP Darlington Transistor
logo
Diodes Incorporated
MMBTA64 DIODES-MMBTA64 Datasheet
46Kb / 2P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 3 - 2
logo
KEC(Korea Electronics)
MMBTA64 KEC-MMBTA64 Datasheet
184Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
More results

Similar Description - MMBTA64

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com