Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM773 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM773 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 17Page - NXP Semiconductors EM773 Datasheet HTML 18Page - NXP Semiconductors EM773 Datasheet HTML 19Page - NXP Semiconductors EM773 Datasheet HTML 20Page - NXP Semiconductors EM773 Datasheet HTML 21Page - NXP Semiconductors EM773 Datasheet HTML 22Page - NXP Semiconductors EM773 Datasheet HTML 23Page - NXP Semiconductors EM773 Datasheet HTML 24Page - NXP Semiconductors EM773 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 1 — 1 September 2010
21 of 45
NXP Semiconductors
EM773
Energy metering IC
IOL
LOW-level output
current
VOL =0.4 V
2.0 V
≤ V
DD ≤ 3.6 V
4
--mA
1.8 V
≤ V
DD < 2.0 V
3
--mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[13] --50
mA
Ipd
pull-down current
VI =5V
10
50
150
μA
Ipu
pull-up current
VI =0V
2.0 V
≤ V
DD ≤ 3.6 V
−15
−50
−85
μA
1.8 V
≤ V
DD < 2.0 V
−10
−50
−85
μA
VDD <VI < 5 V
000
μA
I2C-bus pins (PIO0_4 and PIO0_5)
VIH
HIGH-level input
voltage
0.7VDD
--V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
-
0.5VDD
-V
IOL
LOW-level output
current
VOL =0.4 V; I2C-bus pins
configured as standard
mode pins
2.0 V
≤ V
DD ≤ 3.6 V
4
--mA
1.8 V
≤ V
DD < 2.0 V
3
-
-
IOL
LOW-level output
current
VOL =0.4 V; I2C-bus pins
configured as Fast-mode
Plus pins
2.0 V
≤ V
DD ≤ 3.6 V
20
--mA
1.8 V
≤ V
DD < 2.0 V
16
-
-
ILI
input leakage current
VI =VDD
[14] -2
4
μA
VI =5V
-
10
22
μA
Table 4.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com