Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM773 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM773 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 29Page - NXP Semiconductors EM773 Datasheet HTML 30Page - NXP Semiconductors EM773 Datasheet HTML 31Page - NXP Semiconductors EM773 Datasheet HTML 32Page - NXP Semiconductors EM773 Datasheet HTML 33Page - NXP Semiconductors EM773 Datasheet HTML 34Page - NXP Semiconductors EM773 Datasheet HTML 35Page - NXP Semiconductors EM773 Datasheet HTML 36Page - NXP Semiconductors EM773 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 1 — 1 September 2010
33 of 45
NXP Semiconductors
EM773
Energy metering IC
[6]
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA
output stage tf is specified at 250 ns. This allows series protection resistors to be connected in between the
SDA and the SCL pins and the SDA/SCL bus lines without exceeding the maximum specified tf.
[7]
In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors
are used, designers should allow for this when considering bus timing.
[8]
The maximum tHD;DAT could be 3.45 μs and 0.9 μs for Standard-mode and Fast-mode but must be less than
the maximum of tVD;DAT or tVD;ACK by a transition time (see UM10204). This maximum must only be met if
the device does not stretch the LOW period (tLOW) of the SCL signal. If the clock stretches the SCL, the
data must be valid by the set-up time before it releases the clock.
[9]
tSU;DAT is the data set-up time that is measured with respect to the rising edge of SCL; applies to data in
transmission and the acknowledge.
[10] A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system but the requirement tSU;DAT =
250 ns must then be met. This will automatically be the case if the device does not stretch the LOW period
of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next
data bit to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus
specification) before the SCL line is released. Also the acknowledge timing must meet this set-up time.
10.6 SPI interfaces
Fig 18. I2C-bus pins clock timing
002aaf425
tf
70 %
30 %
SDA
tf
70 %
30 %
S
70 %
30 %
70 %
30 %
tHD;DAT
SCL
1 / fSCL
70 %
30 %
70 %
30 %
tVD;DAT
tHIGH
tLOW
tSU;DAT
Table 12.
Dynamic characteristics of SPI pins in SPI mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI master (in SPI mode)
Tcy(clk)
clock cycle time
when only receiving
[1]
40
-
-
ns
when only transmitting [1]
27.8
ns
tDS
data set-up time
in SPI mode
2.4 V
≤ V
DD ≤ 3.6 V
[2]
15
-
-
ns
2.0 V
≤ V
DD < 2.4 V
[2]
20
ns
1.8 V
≤ V
DD < 2.0 V
[2]
24
-
-
ns
tDH
data hold time
in SPI mode
[2]
0-
-
ns
tv(Q)
data output valid time in SPI mode
[2]
--
10
ns
th(Q)
data output hold time in SPI mode
[2]
0-
-
ns
SPI slave (in SPI mode)
Tcy(PCLK)
PCLK cycle time
20
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com