Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9552 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9552
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9552 Datasheet HTML 9Page - NXP Semiconductors PCA9552 Datasheet HTML 10Page - NXP Semiconductors PCA9552 Datasheet HTML 11Page - NXP Semiconductors PCA9552 Datasheet HTML 12Page - NXP Semiconductors PCA9552 Datasheet HTML 13Page - NXP Semiconductors PCA9552 Datasheet HTML 14Page - NXP Semiconductors PCA9552 Datasheet HTML 15Page - NXP Semiconductors PCA9552 Datasheet HTML 16Page - NXP Semiconductors PCA9552 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
13 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
8.
Application design-in information
8.1 Minimizing IDD when the I/O is used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a
resistor as shown in Figure 15. Since the LED acts as a diode, when the LED is off the I/O
VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes lower
than VDD and is specified as ∆Istb in Table 13 “Static characteristics”.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 15 shows a high value resistor in parallel with the LED. Figure 16 shows VDD less
than the LED supply voltage by at least 1.2 V. Both of these methods maintain the
input/output VI at or above VDD and prevents additional supply current consumption when
the LED is off.
LED0 to LED12 are used as LED drivers.
LED13 to LED15 are used as regular GPIOs.
Fig 14. Typical application
PCA9552
LED0
LED1
SDA
SCL
RESET
5 V
I2C-BUS/SMBus
MASTER
002aac188
SDA
SCL
VDD
A2
A1
A0
VSS
5 V
10 k
Ω
(3
×)
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
LED13
LED14
LED15
GPIOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com