Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9552 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9552
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9552 Datasheet HTML 15Page - NXP Semiconductors PCA9552 Datasheet HTML 16Page - NXP Semiconductors PCA9552 Datasheet HTML 17Page - NXP Semiconductors PCA9552 Datasheet HTML 18Page - NXP Semiconductors PCA9552 Datasheet HTML 19Page - NXP Semiconductors PCA9552 Datasheet HTML 20Page - NXP Semiconductors PCA9552 Datasheet HTML 21Page - NXP Semiconductors PCA9552 Datasheet HTML 22Page - NXP Semiconductors PCA9552 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
19 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
12. Test information
RL = load resistor for LEDn. RL for SDA and SCL > 1 kΩ (3 mA or less current)
CL = load capacitance includes jig and probe capacitance
RT = termination resistance should be equal to the output impedance Zo of the pulse
generators.
Fig 22. Test circuitry for switching times
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aab284
RT
VI
VDD
D.U.T.
VDD
open
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com