Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9564 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9564
Description  Parallel bus to I2C-bus controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9564 Datasheet HTML 17Page - NXP Semiconductors PCA9564 Datasheet HTML 18Page - NXP Semiconductors PCA9564 Datasheet HTML 19Page - NXP Semiconductors PCA9564 Datasheet HTML 20Page - NXP Semiconductors PCA9564 Datasheet HTML 21Page - NXP Semiconductors PCA9564 Datasheet HTML 22Page - NXP Semiconductors PCA9564 Datasheet HTML 23Page - NXP Semiconductors PCA9564 Datasheet HTML 24Page - NXP Semiconductors PCA9564 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Philips Semiconductors
Product data sheet
PCA9564
Parallel bus to I2C-bus controller
2006 Sep 01
21
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
–0.3
4.6
V
VI
Voltage range (any input)
–0.8
6.01
V
II
DC input current (any input)
–10
10
mA
IO
DC output current (any output)
–10
10
mA
Ptot
Total power dissipation
—
300
mW
PO
Power dissipation per output
—
50
mW
Tamb
Operating ambient temperature
–40
+85
°C
Tstg
Storage temperature
–65
+150
°C
NOTE:
1. 5.5 V steady state voltage tolerance on inputs and outputs is valid only when the supply voltage is present. 4.6 V steady state voltage
tolerance on inputs and outputs when no supply voltage is present.
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take
precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under ”
Handling MOS devices”.
DC CHARACTERISTICS
VDD = 2.3 V to 3.6 V; Tamb = –40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
VDD
Supply voltage
2.3
—
3.6
V
IDD
Supply current
standby
—
0.1
3.0
µA
IDD
Su
ly current
operating – no load
—
—
6.0
mA
VPOR
Power-on Reset voltage
—
1.8
2.2
V
Inputs WR, RD, A0, A1, CE, RESET
VIL
LOW-level input voltage
0
—
0.8
V
VIH
HIGH-level input voltage
2.0
—
5.51
V
IL
Leakage current
Input; VI = 0 V or 5.5 V
–1
—
1
µA
CI
Input capacitance
VI = VSS or VDD
—
1.7
3
pF
Inputs/outputs D0 to D7
VIL
LOW-level input voltage
0
—
0.8
V
VIH
HIGH-level input voltage
2.0
—
5.51
V
IOH
HIGH-level output current
VOH = VDD – 0.4 V
–4.0
–7.0
—
mA
IOL
LOW-level output current
VOL = 0.4 V
4.0
8.0
—
mA
IL
Leakage current
Input; VI = 0 V or 5.5 V
–1
—
1
µA
CIO
Input/output capacitance
VI = VSS or VDD
—
2.4
4
pF
SDA and SCL
VIL
LOW-level input voltage
0
—
0.3 VDD
V
VIH
HIGH-level input voltage
0.7 VDD
—
5.51
V
IL
Leakage current
Input/output; VI = 0 V or 3.6 V
–1
—
1
µA
IL
Leakage current
Input/output; VI = 5.5 V
–1
—
10
µA
IOL
LOW-level output current
VOL = 0.4 V
5.0
8.5
—
mA
CIO
Input/output capacitance
VI = VSS or VDD
—
2.5
4
pF
Outputs INT
IOL
LOW-level output current
VOL = 0.4 V
3.0
—
—
mA
IL
Leakage current
VO = 0 or 3.6 V
–1
—
1
µA
CO
Output capacitance
VI = VSS or VDD
—
2.1
4
pF
NOTE:
1. 5.5 V steady state voltage tolerance on inputs and outputs is valid only when the supply voltage is present. 4.6 V steady state voltage
tolerance on inputs and outputs when no supply voltage is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com