Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9564 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9564
Description  Parallel bus to I2C-bus controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9564 Datasheet HTML 1Page - NXP Semiconductors PCA9564 Datasheet HTML 2Page - NXP Semiconductors PCA9564 Datasheet HTML 3Page - NXP Semiconductors PCA9564 Datasheet HTML 4Page - NXP Semiconductors PCA9564 Datasheet HTML 5Page - NXP Semiconductors PCA9564 Datasheet HTML 6Page - NXP Semiconductors PCA9564 Datasheet HTML 7Page - NXP Semiconductors PCA9564 Datasheet HTML 8Page - NXP Semiconductors PCA9564 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Philips Semiconductors
Product data sheet
PCA9564
Parallel bus to I2C-bus controller
2006 Sep 01
3
PIN CONFIGURATION — DIP, SO, TSSOP
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
D0
D1
D2
D3
D4
D5
D6
D7
DNU
VSS
VDD
SDA
SCL
RESET
INT
A1
A0
RD
CE
WR
10
SW02260
PIN CONFIGURATION — HVQFN
15
14
13
12
11
1
2
3
4
5
SW02261
TOP VIEW
D3
D4
D5
D6
D7
INT
RESET
A0
A1
SCL
PIN DESCRIPTION
PIN NUMBER
PIN
DIP, SO, TSSOP
HVQFN
SYMBOL
PIN
TYPE
NAME AND FUNCTION
1, 2, 3, 4,
5, 6, 7, 8
1, 2, 3, 4, 5,
18, 19, 20
D0–D7
I/O
Data Bus: Bi-directional 3-State data bus used to transfer commands, data and
status between the controller and the CPU. D0 is the least significant bit.
9
6
DNU
Do not use: must be left floating (pulled LOW internally)
10
71
VSS
Pwr
Ground
11
8
WR
I
Write Strobe: When LOW and CE is also LOW, the contents of the data bus is
loaded into the addressed register. The transfer occurs on the rising edge of the
signal.
12
9
RD
I
Read Strobe: When LOW and CE is also LOW, causes the contents of the
addressed register to be presented on the data bus. The read cycle begins on the
falling edge of RD.
13
10
CE
I
Chip Enable: Active-LOW input signal. When LOW, data transfers between the CPU
and the controller are enabled on D0–D7 as controlled by the WR, RD and A0–A1
inputs. When HIGH, places the D0–D7 lines in the 3-State condition.
14, 15
11, 12
A0, A1
I
Address Inputs: Selects the controller internal registers and ports for read/write
operations.
16
13
INT
O
Interrupt Request: Active-LOW, open-drain, output. This pin requires a pull-up
device.
17
14
RESET
I
Reset: A LOW level clears internal registers resets the I2C state machine.
18
15
SCL
I/O
I2C-bus serial clock input/output (open-drain).
19
16
SDA
I/O
I2C-bus serial data input/output (open-drain).
20
17
VDD
Pwr
Power Supply: 2.3 to 3.6 V
NOTES:
1. HVQFN package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must be connected to supply ground for
proper device operation. For enhanced thermal, electrical, and board level performance, the exposed pad needs to be soldered to the board
using a corresponding thermal pad on the board and for proper heat conduction through the board, thermal vias need to be incorporated in
the PCB in the thermal pad region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com