Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574P Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8574P
Description  Remote 8-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8574P Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8574P Datasheet HTML 8Page - NXP Semiconductors PCF8574P Datasheet HTML 9Page - NXP Semiconductors PCF8574P Datasheet HTML 10Page - NXP Semiconductors PCF8574P Datasheet HTML 11Page - NXP Semiconductors PCF8574P Datasheet HTML 12Page - NXP Semiconductors PCF8574P Datasheet HTML 13Page - NXP Semiconductors PCF8574P Datasheet HTML 14Page - NXP Semiconductors PCF8574P Datasheet HTML 15Page - NXP Semiconductors PCF8574P Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2002 Nov 22
12
Philips Semiconductors
Product specification
Remote 8-bit I/O expander for I2C-bus
PCF8574
7.2
Interrupt output
The PCF8574 provides an open-drain output (INT) which
can be fed to a corresponding input of the microcontroller
(see Figs 13 and 14). This gives these chips a type of
master function which can initiate an action elsewhere in
the system.
An interrupt is generated by any rising or falling edge of the
port inputs in the input mode. After time tiv the signal INT is
valid.
Resetting and reactivating the interrupt circuit is achieved
when data on the port is changed to the original setting or
data is read from or written to the port which has generated
the interrupt.
Resetting occurs as follows:
• In the READ mode at the acknowledge bit after the rising
edge of the SCL signal
• In the WRITE mode at the acknowledge bit after the
HIGH-to-LOW transition of the SCL signal
• Interrupts which occur during the acknowledge clock
pulse may be lost (or very short) due to the resetting of
the interrupt during this pulse.
Each change of the I/Os after resetting will be detected
and, after the next rising clock edge, will be transmitted as
INT. Reading from or writing to another device does not
affect the interrupt circuit.
7.3
Quasi-bidirectional I/Os
A quasi-bidirectional I/O can be used as an input or output
without the use of a control signal for data direction
(see Fig.15). At power-on the I/Os are HIGH. In this mode
only a current source to VDD is active. An additional strong
pull-up to VDD allows fast rising edges into heavily loaded
outputs. These devices turn on when an output is written
HIGH, and are switched off by the negative edge of SCL.
The I/Os should be HIGH before being used as inputs.
handbook, full pagewidth
MBD976
MICROCONTROLLER
INT
INT
INT
PCF8574
(1)
PCF8574
(2)
V DD
INT
PCF8574
(16)
Fig.13 Application of multiple PCF8574s with interrupt.
Fig.14 Interrupt generated by a change of input to I/O P5.
handbook, full pagewidth
MBD972
S
0
1
0
0
A2
A1
A0
1
A
start condition
1
P5
R/W
acknowledge
from slave
1
SDA
SCL
DATA INTO
P5
t ir
INT
slave address (PCF8574)
data from port
1
234
567
8
P
stop
condition
t iv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com