Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574P Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8574P
Description  Remote 8-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8574P Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8574P Datasheet HTML 10Page - NXP Semiconductors PCF8574P Datasheet HTML 11Page - NXP Semiconductors PCF8574P Datasheet HTML 12Page - NXP Semiconductors PCF8574P Datasheet HTML 13Page - NXP Semiconductors PCF8574P Datasheet HTML 14Page - NXP Semiconductors PCF8574P Datasheet HTML 15Page - NXP Semiconductors PCF8574P Datasheet HTML 16Page - NXP Semiconductors PCF8574P Datasheet HTML 17Page - NXP Semiconductors PCF8574P Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
2002 Nov 22
14
Philips Semiconductors
Product specification
Remote 8-bit I/O expander for I2C-bus
PCF8574
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
10 DC CHARACTERISTICS
VDD = 2.5 to 6 V; VSS = 0 V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+7.0
V
VI
input voltage
VSS − 0.5
VDD + 0.5
V
II
DC input current
−±20
mA
IO
DC output current
−±25
mA
IDD
supply current
−±100
mA
ISS
supply current
−±100
mA
Ptot
total power dissipation
−
400
mW
PO
power dissipation per output
−
100
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
2.5
−
6.0
V
IDD
supply current
operating mode; VDD =6V;
no load; VI =VDD or VSS;
fSCL = 100 kHz
−
40
100
µA
Istb
standby current
standby mode; VDD =6V;
no load; VI =VDD or VSS
−
2.5
10
µA
VPOR
Power-on reset voltage
VDD = 6 V; no load;
VI =VDD or VSS; note 1
−
1.3
2.4
V
Input SCL; input/output SDA
VIL
LOW level input voltage
−0.5
−
+0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD + 0.5
V
IOL
LOW level output current
VOL = 0.4 V
3
−−
mA
IL
leakage current
VI =VDD or VSS
−1
−
+1
µA
Ci
input capacitance
VI =VSS
−−
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com