Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8591 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8591
Description  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8591_03 Datasheet HTML 13Page - NXP Semiconductors PCF8591_03 Datasheet HTML 14Page - NXP Semiconductors PCF8591_03 Datasheet HTML 15Page - NXP Semiconductors PCF8591_03 Datasheet HTML 16Page - NXP Semiconductors PCF8591_03 Datasheet HTML 17Page - NXP Semiconductors PCF8591_03 Datasheet HTML 18Page - NXP Semiconductors PCF8591_03 Datasheet HTML 19Page - NXP Semiconductors PCF8591_03 Datasheet HTML 20Page - NXP Semiconductors PCF8591_03 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
2003 Jan 27
17
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
12 D/A CHARACTERISTICS
VDD = 5.0 V; VSS =0V; VREF = 5.0 V; VAGND =0V; RL =10kΩ;CL = 100 pF; Tamb = −40 °C to +85 °C unless otherwise
specified.
13 A/D CHARACTERISTICS
VDD = 5.0 V; VSS =0V; VREF = 5.0 V; VAGND =0V; RS =10kΩ; Tamb = −40 °C to +85 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Analog output
VOA
output voltage
no resistive load
VSS
−
VDD
V
RL =10kΩ
VSS
−
0.9
× V
DD
V
ILO
output leakage current
AOUT disabled
−−
250
nA
Accuracy
OSe
offset error
Tamb =25 °C
−−
50
mV
Le
linearity error
−−±1.5
LSB
Ge
gain error
no resistive load
−−
1%
tDAC
settling time
to 1
⁄2 LSB full scale step
−−
90
µs
fDAC
conversion rate
−−
11.1
kHz
SNRR
supply noise rejection ratio
f = 100 Hz;
VDDN = 0.1 × VPP
−
40
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Analog inputs
VIA
analog input voltage
VSS
−
VDD
V
ILIA
analog input leakage current
−−
100
nA
CIA
analog input capacitance
−
10
−
pF
CID
differential input capacitance
−
10
−
pF
VIS
single-ended voltage
measuring range
VAGND
−
VREF
V
VID
differential voltage
measuring range;
VFS =VREF − VAGND
−
V
Accuracy
OSe
offset error
Tamb =25 °C
−−
20
mV
Le
linearity error
−−±1.5
LSB
Ge
gain error
−−
1%
GSe
small-signal gain error
∆Vi = 16 LSB
−−
5%
CMRR
common-mode rejection ratio
−
60
−
dB
SNRR
supply noise rejection ratio
f = 100 Hz;
VDDN = 0.1 × VPP
−
40
−
dB
tADC
conversion time
−−
90
µs
fADC
sampling/conversion rate
−−
11.1
kHz
V
FS
–
2
-------------
+V
FS
2
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com