Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8591 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8591
Description  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8591_03 Datasheet HTML 1Page - NXP Semiconductors PCF8591_03 Datasheet HTML 2Page - NXP Semiconductors PCF8591_03 Datasheet HTML 3Page - NXP Semiconductors PCF8591_03 Datasheet HTML 4Page - NXP Semiconductors PCF8591_03 Datasheet HTML 5Page - NXP Semiconductors PCF8591_03 Datasheet HTML 6Page - NXP Semiconductors PCF8591_03 Datasheet HTML 7Page - NXP Semiconductors PCF8591_03 Datasheet HTML 8Page - NXP Semiconductors PCF8591_03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2003 Jan 27
3
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
1
FEATURES
• Single power supply
• Operating supply voltage 2.5 V to 6 V
• Low standby current
• Serial input/output via I2C-bus
• Address by 3 hardware address pins
• Sampling rate given by I2C-bus speed
• 4 analog inputs programmable as single-ended or
differential inputs
• Auto-incremented channel selection
• Analog voltage range from VSS to VDD
• On-chip track and hold circuit
• 8-bit successive approximation A/D conversion
• Multiplying DAC with one analog output.
2
APPLICATIONS
• Closed loop control systems
• Low power converter for remote data acquisition
• Battery operated equipment
• Acquisition of analog values in automotive, audio and
TV applications.
3
GENERAL DESCRIPTION
The PCF8591 is a single-chip, single-supply low power
8-bit CMOS data acquisition device with four analog
inputs, one analog output and a serial I2C-bus interface.
Three address pins A0, A1 and A2 are used for
programming the hardware address, allowing the use of
up to eight devices connected to the I2C-bus without
additional hardware. Address, control and data to and from
the device are transferred serially via the two-line
bidirectional I2C-bus.
The functions of the device include analog input
multiplexing, on-chip track and hold function, 8-bit
analog-to-digital conversion and an 8-bit digital-to-analog
conversion. The maximum conversion rate is given by the
maximum speed of the I2C-bus.
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8591P
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
PCF8591T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com